Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6518ACPZ-R7 Datasheet(PDF) 30 Page - Analog Devices

Part # ADRF6518ACPZ-R7
Description  1.1 GHz Variable Gain Amplifiers Baseband Programmable Filters
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6518ACPZ-R7 Datasheet(HTML) 30 Page - Analog Devices

Back Button ADRF6518ACPZ-R7 Datasheet HTML 26Page - Analog Devices ADRF6518ACPZ-R7 Datasheet HTML 27Page - Analog Devices ADRF6518ACPZ-R7 Datasheet HTML 28Page - Analog Devices ADRF6518ACPZ-R7 Datasheet HTML 29Page - Analog Devices ADRF6518ACPZ-R7 Datasheet HTML 30Page - Analog Devices ADRF6518ACPZ-R7 Datasheet HTML 31Page - Analog Devices ADRF6518ACPZ-R7 Datasheet HTML 32Page - Analog Devices ADRF6518ACPZ-R7 Datasheet HTML 33Page - Analog Devices ADRF6518ACPZ-R7 Datasheet HTML 34Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 39 page
background image
ADRF6518
Data Sheet
Rev. A | Page 30 of 39
Figure 80. EVM vs. Input Power over Digital Modulation Type; Filter Bypass
Mode, Gain Code = 0000000, 1.5 V p-p Differential Output Level Maintained
Figure 81 shows the same four modulation types as in Figure 80,
but with the filter enabled. EVM is generally degraded due to
filter noise, as described in the Noise Characteristics section.
Figure 81. EVM vs. Input Power over Digital Modulation Type;
Filter Corner = 63 MHz, Gain Code = 0000000, 1.5 V p-p Differential Output
Level Maintained
Figure 82 shows a sweep over several output setpoints, from
1.5 V p-p to 5.0 V p-p. EVM only changes by a couple of
decibels for the full output range tested, which gives the user
flexibility in determining the level at which the output signal is
maintained. Although not shown in Figure 82, signals slightly
bigger than 5 V p-p have drastically degraded EVM, and loss of
lock can occur easily.
Figure 82. EVM vs. Input Power over Output Level; Filter Corner = 63 MHz,
QPSK, 50 MSPS, Gain Code = 0000000
Figure 83 shows the EVM for several different digital gain settings.
There is an approximate 2 dB to 3 dB of EVM degradation at
the following gain settings: VGA1 = 9 dB, VGA2 = 12 dB,
VGA3 = 12 dB, and postamplifier = 3 dB. This is due to the
noise figure of the ADRF6518 increasing with the lower gain
setting of VGA1 (VGA1 sets the noise figure for the part). This
correlation is shown in Figure 23, which shows about a 2 dB
increase in noise figure when the VGA1 digital gain is changed
from 15 dB to 9 dB.
Figure 83. EVM vs. Input Power over Gain Code; Filter Mode = 63 MHz, QPSK,
50 MSPS, 1.5 V p-p Differential Output Level Maintained
0
–50
–45
–40
–35
–30
–25
–20
–15
–10
–5
–80
20
10
0
–10
–20
–30
–40
–50
–60
–70
PIN (dBm)
QPSK
16QAM
256QAM
1024QAM
0
–50
–45
–40
–35
–30
–25
–20
–15
–10
–5
–80
20
10
0
–10
–20
–30
–40
–50
–60
–70
PIN (dBm)
QPSK
16QAM
256QAM
1024QAM
0
–50
–45
–40
–35
–30
–25
–20
–15
–10
–5
–80
20
10
0
–10
–20
–30
–40
–50
–60
–70
PIN (dBm)
1.5V p-p
2.0V p-p
2.5V p-p
3.0V p-p
3.5V p-p
4.0V p-p
4.5V p-p
5.0V p-p
0
–50
–45
–40
–35
–30
–25
–20
–15
–10
–5
–80
20
10
0
–10
–20
–30
–40
–50
–60
–70
PIN (dBm)
GAINS: 15dB/21dB/21dB/3dB
GAINS: 15dB/21dB/21dB/9dB
GAINS: 9dB/12dB/12dB/3dB
GAINS: 12dB/12dB/12dB/3dB
GAINS: 15dB/12dB/12dB/3dB
GAINS: 15dB/15dB/15dB/3dB
GAINS: 15dB/18dB/18dB/3dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com