Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6518ACPZ-R7 Datasheet(PDF) 16 Page - Analog Devices

Part # ADRF6518ACPZ-R7
Description  1.1 GHz Variable Gain Amplifiers Baseband Programmable Filters
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6518ACPZ-R7 Datasheet(HTML) 16 Page - Analog Devices

Back Button ADRF6518ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADRF6518ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADRF6518ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADRF6518ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADRF6518ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADRF6518ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADRF6518ACPZ-R7 Datasheet HTML 18Page - Analog Devices ADRF6518ACPZ-R7 Datasheet HTML 19Page - Analog Devices ADRF6518ACPZ-R7 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 39 page
background image
ADRF6518
Data Sheet
Rev. A | Page 16 of 39
BYPASS MODE
VPS = 3.3 V, TA = 25°C, ZLOAD = 400 Ω, power mode bit (B9) = 1 (high power mode), digital gain code bits (B8 to B2) = 1111110, dc offset
disable bit (B1) = 0 (enabled), unless otherwise noted.
Figure 53. Frequency Response over Supply and Temperature
Figure 54. Group Delay vs. Frequency
Figure 55. Output Noise Density vs. Frequency over Analog Gains;
Digital Gain = 0000001
Figure 56. Noise Figure vs. VGN1 over Digital Gain
Figure 57. Output Noise Density vs. VGN1 over Digital Gain
Figure 58. HD2 vs. Gain over Temperature; Fundamental at 80 MHz, Digital
Gain = 0000001
50
40
30
20
10
0
–10
1M
1G
100M
10M
FREQUENCY (Hz)
DIGITAL GAIN = 0000001
DIGITAL GAIN = 1111110
VPS = 3.15V, 3.3V, 3.45V
+85°C
+25°C
–40°C
0
5
10
15
20
25
30
1M
10M
100M
1G
FREQUENCY (Hz)
–100
–180
–170
–160
–150
–140
–130
–120
–110
50
400
350
300
250
200
150
100
FREQUENCY (MHz)
VGN1, VGN2, VGN3:
0V ,0V ,0V AND 1V ,0V ,0V
VGN1, VGN2, VGN3:
1V ,1V ,0V
VGN1, VGN2, VGN3:
1V ,1V ,1V
45
40
35
30
25
20
15
0
1000
900
800
700
600
500
400
300
200
100
VGN1 (mV)
15dB
12dB
9dB
–110
–111
–112
–113
–114
–115
–116
–117
–118
–119
–120
0
1000
900
800
700
600
500
400
300
200
100
VGN1 (mV)
15dB
12dB
9dB
0
10
20
30
40
50
60
70
0
6
12
18
24
30
36
42
48
54
60
GAIN (dB)
+85°C
+25°C
–40°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com