Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6518ACPZ-R7 Datasheet(PDF) 34 Page - Analog Devices

Part # ADRF6518ACPZ-R7
Description  1.1 GHz Variable Gain Amplifiers Baseband Programmable Filters
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6518ACPZ-R7 Datasheet(HTML) 34 Page - Analog Devices

Back Button ADRF6518ACPZ-R7 Datasheet HTML 30Page - Analog Devices ADRF6518ACPZ-R7 Datasheet HTML 31Page - Analog Devices ADRF6518ACPZ-R7 Datasheet HTML 32Page - Analog Devices ADRF6518ACPZ-R7 Datasheet HTML 33Page - Analog Devices ADRF6518ACPZ-R7 Datasheet HTML 34Page - Analog Devices ADRF6518ACPZ-R7 Datasheet HTML 35Page - Analog Devices ADRF6518ACPZ-R7 Datasheet HTML 36Page - Analog Devices ADRF6518ACPZ-R7 Datasheet HTML 37Page - Analog Devices ADRF6518ACPZ-R7 Datasheet HTML 38Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 39 page
background image
ADRF6518
Data Sheet
Rev. A | Page 34 of 39
SCHEMATICS AND ARTWORK
Figure 90. Evaluation Board Schematic
32
31
30
29
28
27
26
25
9
10
11
12
13
14
15
16
1
2
3
4
5
6
7
8
17
18
19
20
21
22
23
24
VOCM
OPP2
OPP1
OPM2
COM
VGN3
COM
OPM1
VPI
CLK
DATA
COMD
VICM/AC
LE
SDO/RST
VPSD
ADRF6518
C31
VPSD
VPS
C2
10µF
0.1µF
C4
VPSD
VPI
0.1µF
C18
VOCM
0.1µF
C19
C20
0.1µF
C3
61
T2
2
43
C1
10µF
L2
33µH
L1
33µH
VPOSD
VPOS
LEGEND
NET NAME
TEST POINT
SMA INPUT/OUTPUT
COM
COMD
DIGITAL GROUND
ANALOG GROUND
INP2_SE
0Ω
R63
DNI
C56
0Ω
R18
DNI
C53
0Ω
R17
0Ω
R1
R21
10kΩ
LE
CLK
DATA
SDO
VPS
C7
C8
C11
0.1µF
C15
0.1µF
C13
0Ω
R4
VPS
open
R44
R50
0Ω
R32
0Ω
R49
0Ω
INM2
C10
C9
61
T1
2
43
INM1
open
R43
R48
0Ω
R31
0Ω
R47
0Ω
INP1_SE
C12
0.1µF
VPS
R20
0Ω
R19
0Ω
R41
0Ω
open
R39
OPP1
OPM1_SE
open
R46
open
R45
open
R37
0.1µF
C6
0.1µF
C23
open
R6
R36
0Ω
R35
0Ω
R42
0Ω
open
R40
OPM2_SE
OPP2
open
R38
0.1µF
C24
C22
C21
C17
0.1µF
VGN3
VPS
C16
0.1µF
C14
VGN1
C16
C27
0.1µF
VPS
P2
C30
10µF
VPI
R2
0Ω
VICM
C5
0.1µF
0.1µF
C34
open
VPK
C32
0.1µF
VGN2
0.1µF
C33
open
R15
open
R66
DNI
R68
DNI
DNI
C55
R67
DNI
DNI
C25
COM_1
COM_2
P4
VOCM
VGN3
VGN2
VGN1
VICM
1
3
5
7
2
4
6
8
10
9
VPI
R3
0Ω
0.1µF
0.1µF
0.1µF
0.1µF
TST2
0.1µF
0.1µF
open
R5
TST1
0.1µF
0.1µF
6
1
T3
2
4
3
6
1
T4
2
4
3
P1
1
2
VPK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com