Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6518ACPZ-R7 Datasheet(PDF) 8 Page - Analog Devices

Part # ADRF6518ACPZ-R7
Description  1.1 GHz Variable Gain Amplifiers Baseband Programmable Filters
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6518ACPZ-R7 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADRF6518ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADRF6518ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADRF6518ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADRF6518ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADRF6518ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADRF6518ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADRF6518ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADRF6518ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADRF6518ACPZ-R7 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 39 page
background image
ADRF6518
Data Sheet
Rev. A | Page 8 of 39
TYPICAL PERFORMANCE CHARACTERISTICS
FILTER MODE
VPS, VPI, VPSD = 3.3 V, TA = 25°C, ZLOAD = 400 Ω, power mode bit (B9) = 0 (low power mode), digital gain code bits (B8 to B2) = 1111110,
dc offset disable bit (B1) = 0 (enabled), filter corner = 63 MHz, ac coupling mode, fundamental at 31 MHz, unless otherwise noted. For
HD2/HD3 vs. gain plots: 1.5 V p-p output target level, and reference Figure 67 for analog gain distribution.
Figure 5. In-Band Gain vs. VGN1 over Supply and Temperature
Figure 6. In-Band Gain vs. VGN2 over Supply and Temperature
Figure 7. In-Band Gain vs. VGN3 over Supply and Temperature
Figure 8. Gain Error vs. VGN1 over Supply and Temperature
Figure 9. Gain Error vs. VGN2 over Supply and Temperature
Figure 10. Gain Error vs. VGN3 over Supply and Temperature
0
–40
–35
–30
–25
–20
–15
–10
–5
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
VGN1 (V)
–40°C, VPS = 3.15V, 3.3V, 3.45V
+25°C, VPS = 3.15V, 3.3V, 3.45V
+85°C, VPS = 3.15V, 3.3V, 3.45V
0
–40
–35
–30
–25
–20
–15
–10
–5
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
VGN2 (V)
–40°C, VPS = 3.15V, 3.3V, 3.45V
+25°C, VPS = 3.15V, 3.3V, 3.45V
+85°C, VPS = 3.15V, 3.3V, 3.45V
0
–40
–35
–30
–25
–20
–15
–10
–5
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
VGN3 (V)
–40°C, VPS = 3.15V, 3.3V, 3.45V
+25°C, VPS = 3.15V, 3.3V, 3.45V
+85°C, VPS = 3.15V, 3.3V, 3.45V
4
–4
–3
–2
–1
0
1
2
3
0
100 200 300 400 500 600 700 800 900 1000
VGN1 (mV)
–40°C, VPS = 3.15V, 3.3V, 3.45V
+25°C, VPS = 3.15V, 3.3V, 3.45V
+85°C, VPS = 3.15V, 3.3V, 3.45V
4
–4
–3
–2
–1
0
1
2
3
0
100 200 300 400 500 600 700 800 900 1000
VGN2 (mV)
–40°C, VPS = 3.15V, 3.3V, 3.45V
+25°C, VPS = 3.15V, 3.3V, 3.45V
+85°C, VPS = 3.15V, 3.3V, 3.45V
4
–4
–3
–2
–1
0
1
2
3
0
100 200 300 400 500 600 700 800 900 1000
VGN3 (mV)
–40°C, VPS = 3.15V, 3.3V, 3.45V
+25°C, VPS = 3.15V, 3.3V, 3.45V
+85°C, VPS = 3.15V, 3.3V, 3.45V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com