Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6518ACPZ-R7 Datasheet(PDF) 7 Page - Analog Devices

Part # ADRF6518ACPZ-R7
Description  1.1 GHz Variable Gain Amplifiers Baseband Programmable Filters
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6518ACPZ-R7 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADRF6518ACPZ-R7 Datasheet HTML 3Page - Analog Devices ADRF6518ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADRF6518ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADRF6518ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADRF6518ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADRF6518ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADRF6518ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADRF6518ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADRF6518ACPZ-R7 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 39 page
background image
Data Sheet
ADRF6518
Rev. A | Page 7 of 39
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
Figure 4. Pin Configuration
Table 3. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
VPSD
Digital Positive Supply Voltage: 3.15 V to 3.45 V.
2
COMD
Digital Common. Connect this pin to an external circuit common using the lowest possible
impedance.
3
LE
Latch Enable. SPI programming pin. TTL levels: VLOW < 0.8 V, VHIGH > 2 V.
4
CLK
SPI Port Clock. TTL levels: VLOW < 0.8 V, VHIGH > 2 V.
5
DATA
SPI Data Input. TTL levels: VLOW < 0.8 V, VHIGH > 2 V.
6
SDO/RST
SPI Data Output (SDO). TTL levels: VLOW < 0.8 V, VHIGH > 2 V.
Peak Detector Reset (RST). A >25 ns high pulse is required on this pin to reset the detector.
7
VICM/AC
Input Common-Mode Reference (VICM). VPI/2 reference output for optimal common-mode level
to drive the differential inputs. If this pin is used as a common-mode reference for the common-
mode output of the previous stage, only connect high impedance nodes to this pin.
AC Coupling/Internal Bias Activation (AC). Pull this pin low for ac coupling of the inputs.
8
VPI
Input Stage Supply Voltage: 3.15 V to 5.25 V. Connect VPI to VPS if the input common-mode range
is narrow (1.35 V to 1.95 V). Connect VPI to 5 V if a common-mode input up to 3.1 V is desired.
9, 19, 22
COM
Analog Common. Connect COM to an external circuit common using the lowest possible
impedance.
10, 11, 30, 31
INP2, INM2,
INM1, INP1
Differential Inputs, 400 Ω Differential Input Impedance.
12, 16, 25, 29
VPS
Analog Positive Supply Voltage: 3.15 V to 3.45 V.
13
VPK
Peak Detector Output. Scaling of 1 V/V peak differential at filter inputs is performed, and the
bigger peak of two channels is reported.
14, 21, 27
VGN2, VGN3,
VGN1
VGA1, VGA2, and VGA3 Analog Gain Control. 0 V to 1 V, 30 mV/dB gain scaling.
15, 26
OFS2, OFS1
Offset Correction Loop Compensation Capacitors. Connect capacitors to a circuit common.
17, 18, 23, 24
OPP2, OPM2,
OPM1, OPP1
Differential Outputs. These outputs have a <10 Ω output impedance. Common-mode range is 0.9
V to VPS − 1.2 V; default is VPS/2.
20
VOCM
Output Common-Mode Setpoint. VOCM defaults to VPS/2 if left open.
28
RAVG
Peak Detector Time-Constant Resistor. Connect this pin to VPS. Leave this pin open for the longest
hold time. The RAVG range is ∞ to 1 kΩ.
32
ENBL
Chip Enable. Pull this pin high to enable the chip.
EP
Exposed Ground Pad. Connect the exposed pad to a low impedance ground pad.
VPSD
COMD
LE
CLK
DATA
SDO/RST
VICM/AC
VPI
OPP1
OPM1
COM
VGN3
VOCM
COM
OPM2
OPP2
TOP VIEW
(Not to Scale)
ADRF6518
NOTES
1. CONNECT THE EXPOSED PADDLE TO
A LOW IMPEDANCE GROUND PAD.
24
23
22
21
20
19
18
17
1
2
3
4
5
6
7
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com