Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6518ACPZ-R7 Datasheet(PDF) 11 Page - Analog Devices

Part # ADRF6518ACPZ-R7
Description  1.1 GHz Variable Gain Amplifiers Baseband Programmable Filters
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6518ACPZ-R7 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADRF6518ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADRF6518ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADRF6518ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADRF6518ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADRF6518ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADRF6518ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADRF6518ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADRF6518ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADRF6518ACPZ-R7 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 39 page
background image
Data Sheet
ADRF6518
Rev. A | Page 11 of 39
Figure 23. Noise Figure vs. VGN1 over VGA1 Digital Gain; Noise Density
Measured at Half of Filter Corner
Figure 24. Noise Figure vs. VGN1 over Filter Corner;
Digital Gain = 0000001, Noise Density Measured at Half of Filter Corner
Figure 25. Output Noise Density vs. VGN1 over VGA1 Digital Gain;
Noise Density Measured at Half of Filter Corner
Figure 26. Output Noise Density vs. VGN1 over Bandwidth Setting;
Digital Gain = 0000001, Noise Density Measured at Half of Filter Corner
Figure 27. Output Noise Density vs. Frequency; Filter Corner = 7 MHz,
Digital Gain = 0000001, Noise Density Measured at Half of Filter Corner
Figure 28. Output Noise Density vs. Frequency; Filter Corner = 60 MHz,
Digital Gain = 0000001
50
45
40
35
30
25
20
15
0
01000
900
800
700
600
500
400
300
200
100
VGN1 (mV)
15dB
12dB
9dB
55
50
45
40
35
30
25
20
15
10
01000
900
800
700
600
500
400
300
200
100
VGN1 (mV)
63MHz
32MHz
16MHz
8MHz
4MHz
2MHz
–100
–101
–102
–103
–104
–105
–106
–107
–108
–109
–110
01000
900
800
700
600
500
400
300
200
100
VGN1 (mV)
15dB
12dB
9dB
–95
–96
–97
–98
–99
–100
–101
–102
–103
–104
–105
–106
–107
–108
–109
–110
01000
900
800
700
600
500
400
300
200
100
VGN1 (mV)
63MHz
32MHz
16MHz
8MHz
4MHz
2MHz
–100
–105
–110
–115
–120
–125
–130
–135
–140
–145
–150
025.0
22.5
20.0
17.5
15.0
12.5
10.0
7.5
5.0
2.5
FREQUENCY (MHz)
GAIN = 60dB
GAIN = 40dB
GAIN = 20dB
–100
–105
–110
–115
–120
–125
–130
–135
–140
–145
0200
180
160
140
120
100
80
60
40
20
FREQUENCY (MHz)
GAIN = 60dB
GAIN = 40dB
GAIN = 20dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com