Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6518ACPZ-R7 Datasheet(PDF) 33 Page - Analog Devices

Part # ADRF6518ACPZ-R7
Description  1.1 GHz Variable Gain Amplifiers Baseband Programmable Filters
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6518ACPZ-R7 Datasheet(HTML) 33 Page - Analog Devices

Back Button ADRF6518ACPZ-R7 Datasheet HTML 29Page - Analog Devices ADRF6518ACPZ-R7 Datasheet HTML 30Page - Analog Devices ADRF6518ACPZ-R7 Datasheet HTML 31Page - Analog Devices ADRF6518ACPZ-R7 Datasheet HTML 32Page - Analog Devices ADRF6518ACPZ-R7 Datasheet HTML 33Page - Analog Devices ADRF6518ACPZ-R7 Datasheet HTML 34Page - Analog Devices ADRF6518ACPZ-R7 Datasheet HTML 35Page - Analog Devices ADRF6518ACPZ-R7 Datasheet HTML 36Page - Analog Devices ADRF6518ACPZ-R7 Datasheet HTML 37Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 39 page
background image
Data Sheet
ADRF6518
Rev. A | Page 33 of 39
EVALUATION BOARD
An evaluation board is available for testing the ADRF6518.
EVALUATION BOARD CONTROL SOFTWARE
The ADRF6518 evaluation board is controlled through the USB
port on a PC. This software enables/disables the dc offset
compensation loop and controls the filter corner frequency, the
high and low power modes, and the minimum and maximum
gains for each amplifier in the ADRF6518. For information
about the register map, see Table 5. For information about SPI
port timing and control, see Figure 2 and Figure 3.
After the software is downloaded and installed, start the basic
user interface to program the filter corner and gain values (see
Figure 89).
To program the filter corner, perform one of the following:
Click the arrow in the Frequency Corner MHz section of
the window, select the desired corner frequency from the
menu, and click Write Selected Cutoff Frequency to
Device
.
Click Frequency +1 MHz or Frequency −1 MHz to
increment or decrement the frequency corner in 1 MHz
steps from the current frequency corner.
To program the filter mode, offset correction, and power mode,
move the respective slider switch in the upper right corner of
the window.
To program the maximum gains of VGA1, VGA2, VGA3, and
the postamplifier, click the VGA1 Gain dB, VGA2 Gain dB,
VGA3 Gain dB
, and Post Amp Gain dB drop-down boxes and
select the desired gain.
The VGA1 maximum gain can be set to 9 dB, 12 dB, or
15 dB.
The VGA2 and VGA3 maximum gain can be set to 12 dB,
15 dB, 18 dB, or 21 dB.
The postamplifier maximum gain can be set to 3 dB or 9 dB.
When the user clicks the Write Selected Cutoff Frequency to
Device
button, a write operation is executed, immediately
followed by a read operation. The updated information is
displayed in the VGA1 Gain dB, Filter Corner MHz, VGA2
Gain dB
, VGA3 Gain dB, and Post Amp Gain dB fields.
Figure 89. Analog Devices ADRF6518 Evaluation Software



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com