Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6518ACPZ-R7 Datasheet(PDF) 12 Page - Analog Devices

Part # ADRF6518ACPZ-R7
Description  1.1 GHz Variable Gain Amplifiers Baseband Programmable Filters
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6518ACPZ-R7 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADRF6518ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADRF6518ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADRF6518ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADRF6518ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADRF6518ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADRF6518ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADRF6518ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADRF6518ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADRF6518ACPZ-R7 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 39 page
background image
ADRF6518
Data Sheet
Rev. A | Page 12 of 39
Figure 29. HD2 vs. Gain over Supply and Temperature; 16 MHz Fundamental
Tone, Digital Gain = 0000000
Figure 30. HD3 vs. Gain over Supply and Temperature; 16 MHz Fundamental
Tone, Digital Gain = 0000000
Figure 31. HD2 vs. Gain over Supply and Temperature; 16 MHz Fundamental
Tone, Digital Gain = 0000001
Figure 32. HD3 vs. Gain over Supply and Temperature; 16 MHz Fundamental
Tone, Digital Gain = 0000001
Figure 33. HD2 vs. Gain over VOCM; 16 MHz Fundamental Tone,
Digital Gain = 0000001
Figure 34. HD3 vs. Gain over VOCM; 16 MHz Fundamental Tone,
Digital Gain = 0000001
90
80
70
60
50
40
30
20
10
0
–12
–6
0
6
12
182430364248
5460
GAIN (dB)
+25°C, VPS = 3.30V
+25°C, VPS = 3.15V
+25°C, VPS = 3.45V
+85°C, VPS = 3.30V
+85°C, VPS = 3.15V
+85°C, VPS = 3.45V
–40°C, VPS = 3.30V
–40°C, VPS = 3.15V
–40°C, VPS = 3.45V
100
90
80
70
60
50
40
30
20
10
0
–12
–6
0
6
12
182430364248
5460
GAIN (dB)
+25°C, VPS = 3.30V
+25°C, VPS = 3.15V
+25°C, VPS = 3.45V
+85°C, VPS = 3.30V
+85°C, VPS = 3.15V
+85°C, VPS = 3.45V
–40°C, VPS = 3.30V
–40°C, VPS = 3.15V
–40°C, VPS = 3.45V
90
80
70
60
50
40
30
20
10
0
–6
0
6
12
18
24
30
36
42
48
54
66
60
GAIN (dB)
+25°C, VPS = 3.30V
+25°C, VPS = 3.15V
+25°C, VPS = 3.45V
+85°C, VPS = 3.30V
+85°C, VPS = 3.15V
+85°C, VPS = 3.45V
–40°C, VPS = 3.30V
–40°C, VPS = 3.15V
–40°C, VPS = 3.45V
100
90
80
70
60
50
40
30
20
10
0
–6
0
6
12
18
24
30
36
42
48
54
66
60
GAIN (dB)
+25°C, VPS = 3.30V
+25°C, VPS = 3.15V
+25°C, VPS = 3.45V
+85°C, VPS = 3.30V
+85°C, VPS = 3.15V
+85°C, VPS = 3.45V
–40°C, VPS = 3.30V
–40°C, VPS = 3.15V
–40°C, VPS = 3.45V
90
80
70
60
50
40
30
20
10
0
–6
0
6
12
18
24
30
36
42
48
54
66
60
GAIN (dB)
VOCM = 0.90V
VOCM = 1.25V
VOCM = 1.65V
VOCM = 1.95V
100
90
80
70
60
50
40
30
20
10
0
–6
0
6
12
18
24
30
36
42
48
54
66
60
GAIN (dB)
VOCM = 0.90V
VOCM = 1.25V
VOCM = 1.65V
VOCM = 1.95V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com