Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6518ACPZ-R7 Datasheet(PDF) 20 Page - Analog Devices

Part # ADRF6518ACPZ-R7
Description  1.1 GHz Variable Gain Amplifiers Baseband Programmable Filters
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6518ACPZ-R7 Datasheet(HTML) 20 Page - Analog Devices

Back Button ADRF6518ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADRF6518ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADRF6518ACPZ-R7 Datasheet HTML 18Page - Analog Devices ADRF6518ACPZ-R7 Datasheet HTML 19Page - Analog Devices ADRF6518ACPZ-R7 Datasheet HTML 20Page - Analog Devices ADRF6518ACPZ-R7 Datasheet HTML 21Page - Analog Devices ADRF6518ACPZ-R7 Datasheet HTML 22Page - Analog Devices ADRF6518ACPZ-R7 Datasheet HTML 23Page - Analog Devices ADRF6518ACPZ-R7 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 39 page
background image
ADRF6518
Data Sheet
Rev. A | Page 20 of 39
REGISTER MAP AND CODES
The filter frequency, amplifier gains, filter bypass mode, and
offset correction loops can be programmed using the SPI
interface. Table 5 provides the bit map for the internal 15-bit
register of the ADRF6518.
Table 4. Filter Mode and Power Mode Options
B9
Filter Bypass
Filter
0
VGA low power; filter off
VGA low power; filter low
power
1
VGA high power; filter
off
VGA low power; filter high
power
Table 5. Register Map
MSB
LSB
B15
B14
B13
B12
B11
B10
B9
B8
B7
B6
B5
B4
B3
B2
B1
Filter frequency code and filter bypass mode
Power mode
Digital gain code
DC offset disable
Code = 1 dB corner in MHz
For example, 31 MHz = 011111 (MSB first)
Use 000000 for filter bypass mode
0: low power
1: high power
Use 1 for filter BW > 31 MHz, in
filter mode
Use 1 for channel BW > 60 MHz,
in filter bypass mode
VGA1 gain
00: 15 dB
01: 12 dB
10: 9 dB
11: 9 dB
VGA2 gain
00: 21 dB
01: 18 dB
10: 15 dB
11: 12 dB
VGA3 gain
00: 21 dB
01: 18 dB
10: 15 dB
11: 12 dB
Postamp
0: 3 dB
1: 9 dB
0: enable
1: disable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com