Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6518ACPZ-R7 Datasheet(PDF) 37 Page - Analog Devices

Part # ADRF6518ACPZ-R7
Description  1.1 GHz Variable Gain Amplifiers Baseband Programmable Filters
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6518ACPZ-R7 Datasheet(HTML) 37 Page - Analog Devices

Back Button ADRF6518ACPZ-R7 Datasheet HTML 31Page - Analog Devices ADRF6518ACPZ-R7 Datasheet HTML 32Page - Analog Devices ADRF6518ACPZ-R7 Datasheet HTML 33Page - Analog Devices ADRF6518ACPZ-R7 Datasheet HTML 34Page - Analog Devices ADRF6518ACPZ-R7 Datasheet HTML 35Page - Analog Devices ADRF6518ACPZ-R7 Datasheet HTML 36Page - Analog Devices ADRF6518ACPZ-R7 Datasheet HTML 37Page - Analog Devices ADRF6518ACPZ-R7 Datasheet HTML 38Page - Analog Devices ADRF6518ACPZ-R7 Datasheet HTML 39Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 37 / 39 page
background image
Data Sheet
ADRF6518
Rev. A | Page 37 of 39
Table 6. Evaluation Board Configuration Options
Components
Function
Default Conditions
C1, C2, C4, C11, C12, C15, C16,
C30, C31, L1, L2, R2, R3, P4
Power supply and ground decoupling. Nominal supply decoupling
consists of a 0.1 µF capacitor to ground.
C1, C2, C30 = 10 µF (Size 1210)
C4, C11, C12, C15, C16, and
C31 = 0.1 µF (Size 0402)
L1, L2 = 33 µH (Size 1812)
R2, R3 = 0 Ω (Size 0402)
P4 = installed
T1, T2, C3, C6, C7 to C10, R31,
R32, R43, R44, R45, R46, R47,
R48, R49, R50
Input interface. The INP1_SE, INM1, INP2_SE, and INM2 input SMAs
are used to drive the part differentially by bypassing the baluns.
Using only INP1_SE and INP2_SE in conjunction with the baluns
enables single-ended operation. The default configuration of the
evaluation board is for single-ended operation.
T1 and T2 are 8:1 impedance ratio baluns that transform a single-
ended signal in a 50 Ω system into a balanced differential signal in a
400 Ω system.
R31, R32, R47, R48, R49, and R50 are populated for appropriate
balun interface
To bypass the T1 and T2 baluns for differential interfacing, remove
the balun interfacing resistors, R31, R32, R47, R48, R49, and R50, and
populate R43, R44, R45, and R46 with 0 Ω resistors.
T1, T2 = Pulse Electronics
CX2049LNL
C3, C6 = 0.1 µF (Size 0402)
C7 to C10 = 0.1 µF (Size 0602)
R31, R32, R47 to R50 = 0 Ω (Size
0402)
R43 to R46 = open (Size 0402)
T3, T4, C19 to C24,
R5, R6,
R19, R20,
R35 to R42
Output interface. The OPP1, OPM1_SE, OPP2, and OPM2_SE output
SMAs are used to obtain differential signals from the part when the
output baluns are bypassed. Using OPM1_SE, OPM2_SE, and the
baluns, the user can obtain single-ended output signals. The default
configuration of the evaluation board is for single-ended operation.
T3 and T4 are 8:1 impedance ratio baluns that transform a
differential signal in a 400 Ω system into a single-ended signal in a
50 Ω system.
To bypass the T3 and T4 baluns for differential interfacing, remove
the balun interfacing resistors, R19, R20, R35, R36, R41, and R42, and
populate R37, R38, R39, and R40 with 0 Ω resistors.
R5 and R6 can be populated with an impedance of at least 400 Ω to
terminate the output in differential applications.
T3, T4 = Pulse Electronics
CX2049LNL
C19 to C24 = 0.1 µF (Size 0402)
R5, R6 = open (size 0402)
R19, R20, R35, R36, R41, R42 = 0 Ω
(Size 0402)
R37 to R40 = open
(Size 0402)
P2
Enable interface. The ADRF6518 is powered up by applying a logic
high voltage to the ENBL pin (Jumper P2 is connected to VPS).
P2 = installed for enable
P3, R1, R17, R18, R21, R63, C25,
C53, C55, C56
Serial control interface. The digital interface sets the corner
frequency, VGA1/VGA2/VGA3 maximum gains, and the
postamplifier maximum gain using the serial interface via the LE,
CLK, DATA, and SDO pins.
RC filter networks can be populated on the CLK, LE, and DATA lines
to filter the SPI signals. CLK, DATA, and LE signals can be observed
via P3 for debug purposes. Setting C25, C53, and C56 = 330 pF is
recommending for filtering.
P3 = installed
R1 = 0 Ω (Size 0402)
R21 = 10 kΩ (Size 0402)
C25, C53, C55, C56 = open (Size
0402)
R17, R18, R63 = 1 kΩ (Size 0402)
C13, C14
DC offset compensation loop. The dc offset compensation loop is
enabled via the SPI port. When enabled, the C13 and C14 capacitors
are connected to circuit common. The high-pass corner frequency is
expressed as follows:
fHP (Hz) = 6.7 × (Post Filter Linear Gain/COFS (µF))
C13, C14 = 0.1 µF (Size 0402)
C5
Input common-mode reference. The input common-mode voltage
can be monitored at the VICM pin. If the VICM pin is left open, an
input common-mode voltage must be supplied externally ( DC
coupling mode). If VICM pin is connected to ground, the input
common-mode defaults to VPI/2 (ac coupling mode).
C5 = 0.1 µF (Size 0402)
C18
Output common-mode setpoint. The output common-mode
voltage can be set externally when applied to the VOCM pin. If the
VOCM pin is left open, the output common-mode voltage defaults
to VPS/2.
C18 = 0.1 µF (Size 0402)
C17, C27, C32
Analog gain control. The range of the analog gain pins, VGN1, VGN2,
and VGN3, is from 0 V to 1 V, creating a gain scaling of 30 mV/dB.
C17, C27, C32 = 0.1 µF (Size 0402)
P1, R4, R15, C33, C34
Peak detector.
P1 = installed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com