Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6518ACPZ-R7 Datasheet(PDF) 10 Page - Analog Devices

Part # ADRF6518ACPZ-R7
Description  1.1 GHz Variable Gain Amplifiers Baseband Programmable Filters
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6518ACPZ-R7 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADRF6518ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADRF6518ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADRF6518ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADRF6518ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADRF6518ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADRF6518ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADRF6518ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADRF6518ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADRF6518ACPZ-R7 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 39 page
background image
ADRF6518
Data Sheet
Rev. A | Page 10 of 39
Figure 17. Gain vs. Frequency over BW Setting (Linear); Scaled to Show
Peaking
Figure 18. Gain vs. Frequency over BW Setting (Log);
VGN1 = 1 V, VGN2 = 0.7 V, VGN3 = 0.75 V
Figure 19. Group Delay vs. Frequency; VGN1/VGN2/VGN3 = 0 V
Figure 20. IQ Group Delay Mismatch vs. Frequency
(BW = 7 MHz and BW = 15 MHz)
Figure 21. IQ Group Delay Mismatch vs. Frequency
(BW = 30 MHz and BW = 60 MHz)
Figure 22. IQ Amplitude Mismatch vs. Frequency; VGN1/VGN2/VGN3 = 0 V
31
30
29
28
27
1
61
51
41
31
21
11
FREQUENCY (MHz)
–10
–5
0
5
10
15
20
25
30
35
40
1
10
100
FREQUENCY (MHz)
0
10
20
30
40
50
60
70
80
90
100
2
20
FREQUENCY (MHz)
BANDWIDTH = 7MHz
BANDWIDTH = 15MHz
BANDWIDTH = 30MHz
BANDWIDTH = 60MHz
–10
–8
–6
–4
–2
0
2
4
6
8
10
2
4
6
8
10
12
14
16
18
20
22
24
FREQUENCY (MHz)
BANDWIDTH = 7MHz
BANDWIDTH = 15MHz
–5
–4
–3
–2
–1
0
1
2
3
4
5
FREQUENCY (MHz)
5
15
25
35
45
55
65
BANDWIDTH = 60MHz
BANDWIDTH = 30MHz
–0.50
–0.40
–0.30
–0.20
–0.10
0.00
0.10
0.20
0.30
0.40
0.50
0
10
20
30
40
50
60
0
0.2
0.4
0.6
0.8
1.0
1.2
FREQUENCY (MHz)
FREQUENCY (MHz)
BANDWIDTH = 1MHz
BANDWIDTH = 63MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com