Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6518ACPZ-R7 Datasheet(PDF) 22 Page - Analog Devices

Part # ADRF6518ACPZ-R7
Description  1.1 GHz Variable Gain Amplifiers Baseband Programmable Filters
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6518ACPZ-R7 Datasheet(HTML) 22 Page - Analog Devices

Back Button ADRF6518ACPZ-R7 Datasheet HTML 18Page - Analog Devices ADRF6518ACPZ-R7 Datasheet HTML 19Page - Analog Devices ADRF6518ACPZ-R7 Datasheet HTML 20Page - Analog Devices ADRF6518ACPZ-R7 Datasheet HTML 21Page - Analog Devices ADRF6518ACPZ-R7 Datasheet HTML 22Page - Analog Devices ADRF6518ACPZ-R7 Datasheet HTML 23Page - Analog Devices ADRF6518ACPZ-R7 Datasheet HTML 24Page - Analog Devices ADRF6518ACPZ-R7 Datasheet HTML 25Page - Analog Devices ADRF6518ACPZ-R7 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 39 page
background image
ADRF6518
Data Sheet
Rev. A | Page 22 of 39
PEAK DETECTOR
To measure the signal level at the critical interface of the VGA1
output and the programmable filter input, a peak detector has
been implemented. The peak detector simultaneously measures
both channels at the VGA1 output and reports the bigger of the
two at the VPK pin. The on-chip holding capacitor and negligi-
ble leakage at the internal node ensure a large droop time of the
order of a millisecond, which is a function of the peak voltage as
well. Bigger peak voltage results in longer droop time. The droop
time can be adjusted down by placing a resistor between the
RAVG and VPS pins. Typical values of RAVG can range from
1 MΩ to 1 kΩ. As the RAVG resistor value is reduced, the peak
voltage, VPK, appears as an envelope output. The peak detector
has the attack bandwidth of 100 MHz.
The peak detector can be used in an AGC loop to set the appropri-
ate signal level at the filter input. For such an implementation,
filter VPK appropriately, considering that it is a peak hold
output. A high pulse of 25 ns or longer duration applied to the
SDO/RST dual function pin resets the VPK voltage to 0 V by
discharging the internal holding capacitor.
PROGRAMMABLE FILTERS
The integrated programmable filter is the key signal processing
function in the ADRF6518. The filters follow a six-pole Butter-
worth prototype response that provides a compromise between
band rejection, ripple, and group delay. The 0.5 dB bandwidth is
programmed from 1 MHz to 63 MHz in 1 MHz steps via the serial
programming interface (SPI) as described in the Programming
the ADRF6518 section.
The filters are designed so that the Butterworth prototype filter
shape and group delay responses vs. frequency are retained for
any bandwidth setting. Figure 69 and Figure 70 illustrate the
ideal six-pole Butterworth response. The group delay, τg, is
defined as
τg = −∂φ/∂ω
where:
φ is the phase in radians.
ω = 2πf is the frequency in radians per second.
Note that for a frequency scaled filter prototype, the absolute
magnitude of the group delay scales inversely with the band-
width; however, the shape is retained. For example, the peak
group delay for a 28 MHz bandwidth setting is 14× less than
for a 2 MHz setting.
Figure 69. Sixth-Order Butterworth Magnitude Response for 0.5 dB
Bandwidths
Figure 70. Sixth-Order Butterworth Group Delay Response for
0.5 dB Bandwidths Programmed to 2 MHz and 28 MHz
The corner frequency of the filters is defined by RC products,
which can vary by ±30% in a typical process. Therefore, all the
parts are factory calibrated for corner frequency, resulting in
a residual ±8% corner frequency variation over the −40°C to
+85°C temperature range. Although absolute accuracy requires
calibration, the matching of RC products between the pair of
channels is better than 1% by observing careful design and
layout practices. Calibration and excellent matching ensure
that the magnitude and group delay responses of both channels
track together, a critical requirement for digital IQ-based
communication systems.
Bypassing the Filters
For higher bandwidth applications, filters of the ADRF6518 can
be bypassed via the SPI. In the filter bypass mode, filters are
disabled and power consumption is significantly reduced. The
bandwidth of cascaded VGAs, which is significantly larger than
63 MHz maximum of the filters, is fully realized in the filter
bypass mode.
0
–20
–40
–60
–80
–100
–120
–140
–160
–180
100k
1M
10M
1G
100M
FREQUENCY (Hz)
1MHz
2MHz
4MHz
8MHz
16MHz
32MHz
63MHz
500
400
300
200
100
0
–100
100k
1M
10M
100M
FREQUENCY (Hz)
BW = 2MHz
BW = 28MHz
14×



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com