Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6518ACPZ-R7 Datasheet(PDF) 32 Page - Analog Devices

Part # ADRF6518ACPZ-R7
Description  1.1 GHz Variable Gain Amplifiers Baseband Programmable Filters
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6518ACPZ-R7 Datasheet(HTML) 32 Page - Analog Devices

Back Button ADRF6518ACPZ-R7 Datasheet HTML 28Page - Analog Devices ADRF6518ACPZ-R7 Datasheet HTML 29Page - Analog Devices ADRF6518ACPZ-R7 Datasheet HTML 30Page - Analog Devices ADRF6518ACPZ-R7 Datasheet HTML 31Page - Analog Devices ADRF6518ACPZ-R7 Datasheet HTML 32Page - Analog Devices ADRF6518ACPZ-R7 Datasheet HTML 33Page - Analog Devices ADRF6518ACPZ-R7 Datasheet HTML 34Page - Analog Devices ADRF6518ACPZ-R7 Datasheet HTML 35Page - Analog Devices ADRF6518ACPZ-R7 Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 39 page
background image
ADRF6518
Data Sheet
Rev. A | Page 32 of 39
INSTABILITY AT LOW FILTER CORNERS AND LOW
POWER MODE
The ADRF6518 has a tendency to oscillate when the filter
corner is 8 MHz or less and when in low power mode. This
oscillation is primarily out of band, occurring at approximately
1.2 GHz. The oscillation worsens at cold temperatures. It is
recommended that high power mode be used when in filter
mode to lessen the inherent instability of the device. A low-pass
filter can be added between the output of the ADRF6518 and
the following stage to attenuate the out of band oscillation.
PEAK DETECTOR BANDWIDTH AND SLEW RATE
The VPK pin on the ADRF6518 has an attack bandwidth of
100 MHz, where the VPK pin is responding to a rise in signal
level, and a droop slew rate, where VPK is responding to a fall
in signal level; this can be seen in Figure 47, where very large
values of the off-chip RAVG were used. RAVG controls the slew rate
of the peak detector. This resistor must be connected from the
VPK pin to the VPS pin.
Figure 86. Peak Detector Droop time over RAVG
Figure 87. Peak Detector Droop time over RAVG, zoomed
Figure 86 and Figure 87 show the slew rate for three different
values of RAVG: 100 kΩ, 10 kΩ, and 1 kΩ, with slew rates of
5 mV/μs, 50 mV/μs, 500 mV/μs, respectively. Note that these
slew rates start to decrease as the peak detector nears its
minimum value. This is a result of the nonlinearities of the
output stage of the peak detector.
LINEAR OPERATION OF THE ADRF6518
The ADRF6518 has multiple stages per channel. Each stage can
independently be driven into compression depending on the
gain settings and input signal level. There is only access to the
input stages (INP1/INM1, INP2/INM2) and the output stages
(OPP1/OPM2, OPP2/OPM2); therefore, the user must infer the
signal level at the input and output of each stage from the device
under test (DUT) input signal level and the gain settings, both
analog and digital. The maximum recommended signal levels
are shown in Figure 90. All signal levels are in V p-p differential.
Figure 88. Maximum Signal Levels; Single Channel Shown
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
0
20
40
60
80
100
120
140
160
180
TIME (µs)
100kΩ
10kΩ
1kΩ
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
0
5
10
15
20
25
30
TIME (µs)
100kΩ
10kΩ
1kΩ
OPP1/OPP2
OPM1/OPM2
VGN3
INP1/INP2
INM1/INM2
VGN1
VGN2
5.0V p-p
2.2V p-p
2.2V p-p
2.6V p-p
2.6V p-p 5.0V p-p



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com