Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6518ACPZ-R7 Datasheet(PDF) 14 Page - Analog Devices

Part # ADRF6518ACPZ-R7
Description  1.1 GHz Variable Gain Amplifiers Baseband Programmable Filters
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6518ACPZ-R7 Datasheet(HTML) 14 Page - Analog Devices

Back Button ADRF6518ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADRF6518ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADRF6518ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADRF6518ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADRF6518ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADRF6518ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADRF6518ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADRF6518ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADRF6518ACPZ-R7 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 39 page
background image
ADRF6518
Data Sheet
Rev. A | Page 14 of 39
Figure 41. Out-of-Band IIP2, IMD2 vs. PIN over Digital Gain;
115 MHz and 145 MHz Tones
Figure 42. Out-of-Band IIP3, IMD3 vs. PIN over Digital Gain;
115 MHz and 145 MHz Tones
Figure 43. Supply Current vs. Filter Bandwidth over Digital Gain and Power
Modes
Figure 44. Supply Current vs. Filter Bandwidth over Digital Gain and Power
Modes
Figure 45. Supply Current vs. Filter Bandwidth over Temperature, Digital
Gain, and Power Modes
Figure 46. Common-Mode Rejection Ratio vs. Frequency
50
–170
–150
–130
–110
–90
–70
–50
–30
–10
10
30
60
–160
–140
–120
–100
–80
–60
–40
–20
0
20
40
INPUT LEVEL AT 115MHz AND 145MHz (dBV)
–65 –55 –45 –35 –25 –15 –5
5
15
25
35
45
55
65
2:1 SLOPE
OUT-OF-BAND IP2
VGA1 = 15dB
VGA1 = 12dB
VGA1 = 9dB
–165
–150
–135
–120
–105
–90
–75
–60
–45
–30
–15
0
15
INPUT LEVEL AT 115MHz AND 145MHz (dBV)
–55 –50 –45 –40 –35 –30 –25 –20 –15 –10 –5
0
5
10 15
3:1 SLOPE
OUT-OF-BAND IIP3
VGA1 = 15dB
VGA1 = 12dB
VGA1 = 9dB
0.45
0.40
0.35
0.30
0.25
0.20
FILTER BANDWIDTH (MHz)
065
60
55
50
45
40
35
30
25
20
15
10
5
DIGITAL GAIN = 1111110, LOW POWER
DIGITAL GAIN = 1111110, HIGH POWER
DIGITAL GAIN = 0000001, LOW POWER
DIGITAL GAIN = 0000001, HIGH POWER
065
60
55
50
45
40
35
30
25
20
15
10
5
0.45
0.40
0.35
0.30
0.25
0.20
FILTER BANDWIDTH (MHz)
DIGITAL GAIN = 1111110, LOW POWER
DIGITAL GAIN = 1111110, HIGH POWER
DIGITAL GAIN = 0000001, LOW POWER
DIGITAL GAIN = 0000001, HIGH POWER
065
60
55
50
45
40
35
30
25
20
15
10
5
0.45
0.40
0.35
0.30
0.25
0.20
FILTER BANDWIDTH (MHz)
+25°C, DIGITAL GAIN = 1111110, LOW POWER
+85°C, DIGITAL GAIN = 1111110, LOW POWER
–40°C, DIGITAL GAIN = 1111110, LOW POWER
80
75
70
65
60
55
50
45
40
060
50
40
30
20
10
FREQUENCY (MHz)
GAIN = 20dB
GAIN = 60dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com