Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6518ACPZ-R7 Datasheet(PDF) 9 Page - Analog Devices

Part # ADRF6518ACPZ-R7
Description  1.1 GHz Variable Gain Amplifiers Baseband Programmable Filters
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6518ACPZ-R7 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADRF6518ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADRF6518ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADRF6518ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADRF6518ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADRF6518ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADRF6518ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADRF6518ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADRF6518ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADRF6518ACPZ-R7 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 39 page
background image
Data Sheet
ADRF6518
Rev. A | Page 9 of 39
Figure 11. Gain vs. Frequency over VGN1/VGN2/VGN3
Figure 12. Digital Gain vs. Frequency; VGN1/VGN2/VGN3 = 0 V
Figure 13. Gain Mismatch Between Channels vs. VGN1/VGN2/VGN3 Voltage
Figure 14. OP1dB vs. Gain at a Fundamental of 16 MHz
Figure 15. Frequency Response over Supply and Temperature;
VGN1/VGN2/VGN3 = 0 V, Filter Corners = 15 MHz, 30 MHz, and 60 MHz
Figure 16. Gain vs. Frequency over BW Setting (Linear);
VGN1/VGN2/VGN3 = 0 V
60
–50
–40
–30
–20
–10
0
10
20
30
40
50
575
65
55
45
35
25
15
FREQUENCY (MHz)
–45
–40
–35
–30
–25
–20
–15
–10
–5
0
5
101520253035
4045
5055
60
FREQUENCY (MHz)
DIGITAL GAIN = 1111110
DIGITAL GAIN = 0111110
DIGITAL GAIN = 0011110
DIGITAL GAIN = 0010110
DIGITAL GAIN = 0001110
DIGITAL GAIN = 0000110
DIGITAL GAIN = 0000100
DIGITAL GAIN = 0000010
DIGITAL GAIN = 0000000
DIGITAL GAIN = 0000001
0.3
–0.3
–0.2
–0.1
0
0.1
0.2
VGN1/VGN2/VGN3 (V)
15
–30
–25
–20
–15
–10
–5
0
5
10
–10
50
40
30
20
10
0
GAIN (dB)
DIGITAL GAIN = 0000001
DIGITAL GAIN = 111110
–30
–50
–45
–40
–35
3103
93
83
73
63
53
43
33
23
13
FREQUENCY (MHz)
–40°C, VPS = 3.15V, 3.3V, 3.45V
+25°C, VPS = 3.15V, 3.3V, 3.45V
+85°C, VPS = 3.15V, 3.3V, 3.45V
40
35
30
25
20
15
10
5
0
–5
–10
0
102030405060 708090 100 110 120 130 140 150
FREQUENCY (MHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com