Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6518ACPZ-R7 Datasheet(PDF) 19 Page - Analog Devices

Part # ADRF6518ACPZ-R7
Description  1.1 GHz Variable Gain Amplifiers Baseband Programmable Filters
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6518ACPZ-R7 Datasheet(HTML) 19 Page - Analog Devices

Back Button ADRF6518ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADRF6518ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADRF6518ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADRF6518ACPZ-R7 Datasheet HTML 18Page - Analog Devices ADRF6518ACPZ-R7 Datasheet HTML 19Page - Analog Devices ADRF6518ACPZ-R7 Datasheet HTML 20Page - Analog Devices ADRF6518ACPZ-R7 Datasheet HTML 21Page - Analog Devices ADRF6518ACPZ-R7 Datasheet HTML 22Page - Analog Devices ADRF6518ACPZ-R7 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 39 page
background image
Data Sheet
ADRF6518
Rev. A | Page 19 of 39
CHARACTERIZATION
Figure 67. Gain Distribution for HD2/HD3 vs. Gain
Figure 67 shows the ADRF6518 analog gain distribution for the
HD2 vs. gain and HD3 vs. gain plots while the gain and input
voltage levels were swept and while keeping the output voltage
level at 1.5 V p-p.
NOISE FIGURE CALCULATION
All of the noise figure plots (see Figure 23, Figure 24, and
Figure 56) were completed by input referring the output noise
density and then dividing it by the theoretical noise density of a
50 Ω resister. The input SMA on the evaluation board was
terminated with a 50 Ω resistor to ground, which provided the
ADRF6518 input with a 400 Ω differential impedance via the 8:1
balun. In signal chain calculations, it is often convenient to
reference the noise figure to 50 Ω, even though the ADRF6518
input is terminated in 400 Ω.
The noise factor is calculated as follows:
50
N
GAIN
N
Factor
Noise
OUT
where the noise densities are in nV/√Hz and GAIN is in linear
terms. The noise figure is then
Noise Figure = 10 log10(Noise Factor)
1.2
0.8
0.4
0
1.0
0.6
0.2
66
–12 –6
0
6
121824
3036
4248
5460
GAIN (dB)
SOLID LINES, DIGITAL GAIN CODE = 0000001
DASHED LINES, DIGITAL GAIN CODE = 0000000
VGN1
VGN2
VGN3
VGN1
VGN2
VGN3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com