Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6518ACPZ-R7 Datasheet(PDF) 28 Page - Analog Devices

Part # ADRF6518ACPZ-R7
Description  1.1 GHz Variable Gain Amplifiers Baseband Programmable Filters
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6518ACPZ-R7 Datasheet(HTML) 28 Page - Analog Devices

Back Button ADRF6518ACPZ-R7 Datasheet HTML 24Page - Analog Devices ADRF6518ACPZ-R7 Datasheet HTML 25Page - Analog Devices ADRF6518ACPZ-R7 Datasheet HTML 26Page - Analog Devices ADRF6518ACPZ-R7 Datasheet HTML 27Page - Analog Devices ADRF6518ACPZ-R7 Datasheet HTML 28Page - Analog Devices ADRF6518ACPZ-R7 Datasheet HTML 29Page - Analog Devices ADRF6518ACPZ-R7 Datasheet HTML 30Page - Analog Devices ADRF6518ACPZ-R7 Datasheet HTML 31Page - Analog Devices ADRF6518ACPZ-R7 Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 39 page
background image
ADRF6518
Data Sheet
Rev. A | Page 28 of 39
the out-of-band blockers, because this can corrupt the data in
the signal and degrade the EVM. For examples of this, see the
applications information section in the ADRF6510 and the
ADRF6516 data sheets. Figure 83 also shows this trade-off
between filter corner and signal bandwidth.
In Figure 73 through Figure 77, the x-axis is appropriately
labeled in units of a voltage ratio, which is defined as
20 × log10(x/1 V p-p)
where x is any number in units of V p-p.
This is done because the 100 Ω differential baseband source
(Agilent MXG N5182B) drives the 400 Ω differential input
impedance of the ADRF6518. The standard unit of power ratio,
dBm, is only applicable in a 50 Ω system.
Figure 73 and Figure 74 show EVM vs. input voltage over
different symbol rates in filter mode (filter corner = 63 MHz)
and in filter bypass mode, respectively. EVM is generally better
for higher symbol rates while in filter bypass mode. This is
mainly due to the absence of noise and distortion components
that the filter introduces. For the same 80 MSPS signal, EVM
improves 11 dB when switching from a 63 MHz filter corner to
filter bypass mode. For the lower symbol rates, the difference in
EVM between a 63 MHz filter corner and filter bypass mode is
negligible.
Figure 73. EVM vs. Input Voltage over Symbol Rates; Filter Corner = 63 MHz,
QPSK, Gain Code = 0000000, 1.5 V p-p Differential Output Level Maintained
Figure 74. EVM vs. Input Voltage over Symbol Rates; Filter Bypass Mode,
QPSK, Gain Code = 0000000, 1.5 V p-p Differential Output Level Maintained
Figure 75 and Figure 76 show EVM vs. input voltage over
different modulation types at 50 MSPS in filter mode and in
filter bypass mode, respectively. EVM improves for the high-
order modulation types when the filter is in bypass mode.
Figure 75. EVM vs. Input Voltage over Modulation Type; Filter Corner =
63 MHz, QPSK, 50 MSPS, Gain Code = 0000000, 1.5 V p-p Differential Output
Level Maintained
Figure 76. EVM vs. Input Voltage over Modulation Type; Filter Bypass Mode,
QPSK, 50 MSPS, Gain Code = 0000000, 1.5 V p-p Differential Output Level
Maintained
0
–50
–45
–40
–35
–30
–25
–20
–15
–10
–5
–40
–30
–20
–10
0
10
20
VIN (dBV p-p)
5MSPS
10MSPS
50MSPS
0
–50
–45
–40
–35
–30
–25
–20
–15
–10
–5
–40
–30
–20
–10
0
10
20
VIN (dBV p-p)
5MSPS
10MSPS
50MSPS
0
–50
–45
–40
–35
–30
–25
–20
–15
–10
–5
–40
–30
–20
–10
0
10
20
VIN (dBV p-p)
QPSK
16QAM
256QAM
0
–50
–45
–40
–35
–30
–25
–20
–15
–10
–5
–40
–30
–20
–10
0
10
20
VIN (dBV p-p)
QPSK
16QAM
256QAM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com