Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6518ACPZ-R7 Datasheet(PDF) 17 Page - Analog Devices

Part # ADRF6518ACPZ-R7
Description  1.1 GHz Variable Gain Amplifiers Baseband Programmable Filters
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6518ACPZ-R7 Datasheet(HTML) 17 Page - Analog Devices

Back Button ADRF6518ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADRF6518ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADRF6518ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADRF6518ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADRF6518ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADRF6518ACPZ-R7 Datasheet HTML 18Page - Analog Devices ADRF6518ACPZ-R7 Datasheet HTML 19Page - Analog Devices ADRF6518ACPZ-R7 Datasheet HTML 20Page - Analog Devices ADRF6518ACPZ-R7 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 39 page
background image
Data Sheet
ADRF6518
Rev. A | Page 17 of 39
Figure 59. HD3 vs. Gain over Temperature; Fundamental at 80 MHz, Digital
Gain = 0000001
Figure 60. IMD3 vs. Composite Output Voltage over VOCM;
VGN1/VGN2/VGN3 = 1 V, 125 MHz and 126 MHz Tones
Figure 61. In-Band OIP3 Bypass vs. Gain over Temperature;
Digital Gain = 0000001, 125 MHz and 126 MHz Tones
Figure 62. Gain vs. Frequency
Figure 63. Peak Detector Output vs. VIN over Temperature; VGN1 = 0.5 V,
VGN2/VGN3 = 0 V; 125 MHz Tone
0
10
20
30
40
50
60
70
80
90
0
6
12
18
24
30
36
42
48
54
60
GAIN (dB)
+85°C
+25°C
–40°C
120
100
80
60
40
20
0
4.5
3.6
2.5
1.8
1.3
0.9
0.6
0.5
COMPOSITE OUTPUT VOLTAGE (V p-p)
GAIN = 40
GAIN = 30
GAIN = 20
GAIN = 10
GAIN = 0
50
40
30
20
10
0
12
18
24
30
36
42
48
54
66
60
GAIN (dB)
+25°C
+85°C
–40°C
80
–50
–40
–30
–20
–10
0
10
20
30
40
50
60
70
1G
100M
10M
1M
FREQUENCY (Hz)
DIGITAL GAIN = 0000001
DIGITAL GAIN = 1111110
DIGITAL GAIN = 0000001
DIGITAL GAIN = 1111110
VGN1, VGN2, VGN3 = 1V
VGN1, VGN2, VGN3 = 1V
VGN1, VGN2, VGN3 = 0V
VGN1, VGN2, VGN3 = 0V
10
1
0.1
0.01
16
–24
–19
–14
–9
–4
1
6
11
VIN (dBV)
+25°C
+85°C
–40°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com