Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6518ACPZ-R7 Datasheet(PDF) 29 Page - Analog Devices

Part # ADRF6518ACPZ-R7
Description  1.1 GHz Variable Gain Amplifiers Baseband Programmable Filters
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6518ACPZ-R7 Datasheet(HTML) 29 Page - Analog Devices

Back Button ADRF6518ACPZ-R7 Datasheet HTML 25Page - Analog Devices ADRF6518ACPZ-R7 Datasheet HTML 26Page - Analog Devices ADRF6518ACPZ-R7 Datasheet HTML 27Page - Analog Devices ADRF6518ACPZ-R7 Datasheet HTML 28Page - Analog Devices ADRF6518ACPZ-R7 Datasheet HTML 29Page - Analog Devices ADRF6518ACPZ-R7 Datasheet HTML 30Page - Analog Devices ADRF6518ACPZ-R7 Datasheet HTML 31Page - Analog Devices ADRF6518ACPZ-R7 Datasheet HTML 32Page - Analog Devices ADRF6518ACPZ-R7 Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 39 page
background image
Data Sheet
ADRF6518
Rev. A | Page 29 of 39
Figure 77 shows EVM vs. input voltage over various digital gain
settings. There is about a 1 dB spread of EVM over the gain
settings.
Figure 77. EVM vs. Input Voltage over Digital Gain Settings, Filter Corner =
63 MHz, QPSK, 50 MSPS, 1.5 V p-p Differential Output Level Maintained
EVM SYSTEM MEASUREMENT
An overall EVM measurement was completed with the ADL5380
IQ demodulator driving the ADRF6518. The interface between
the two parts was dc-coupled. To achieve this, the VICM/AC
pin was floated to enable dc coupling mode and the VPI pin on
the ADRF6518 was connected to 5 V to accommodate the 3.1 V
output common-mode voltage of the ADL5380. The RF carrier
frequency applied to the RF input of the ADL5380 and the LO
frequency were set to 900 MHz, creating a zero intermediate
frequency (I/F). The alpha of the pulse response filter was set to
0.35. The RF input power to the ADL5380 was swept, and the
analog gains on the ADRF6518 were adjusted to maintain a
target 1.5 V p-p differential signal level on both the I and Q
outputs. The VGA1 analog gain was adjusted to limit its output
to 1.5 V p-p (0.75 V peak on the peak detector output). The
filter corner was set to 63 MHz, and digital gains for VGA1,
VGA2, VGA3, and the postamplifier were set to 15 dB, 21 dB,
21 dB, and 3 dB, respectively. Several signal bandwidths, signal
types, gains, and output levels were tested, in filter mode and in
filter bypass mode.
Figure 78 shows three different symbol rates: 10 MSPS, 50 MSPS,
and 80 MSPS, with the filter enabled. There is a degradation of
EVM with increasing symbol rate, but at 10 MSPS, the system
achieves better than −40 dB of EVM for about 50 dB of the
input power range. The degradation of EVM at the high input
power for Figure 78 to Figure 83 is caused by the ADL5380
compressing. By placing an RF attenuator in front of the
ADL5380, the user can extend the dynamic range of the system.
Figure 78. EVM vs. Input Power Over Symbol Rate; QPSK, Filter Corner =
63 MHz, Gain Code = 0000000, 1.5 V p-p Differential Output Level
Maintained
Figure 79 shows four different symbol rates, with the filter in
bypass mode. EVM generally improves while in filter bypass
mode, especially at the higher symbol rates, due to the absence
of noise, IQ gain mismatch, IQ phase mismatch, raw group
delay, and group delay mismatch, which are some dominant
sources of error that the filter adds when enabled.
Figure 79. EVM vs. Input Power over Symbol Rate; Filter Bypass Mode,
Gain Code = 0000000, 1.5 V p-p Differential Output Level Maintained
Figure 80 shows the EVM for a 50 MSPS signal over several
different digital modulation types while the filter is in bypass
mode. Up to 256 QAM, there is an improvement to EVM, but
this is due to how EVM is calculated, rather than absolute
symbol error being reduced. (EVM is calculated as the ratio of
the rms power of the symbol error vector to the rms average
power of the constellation. A similar and perhaps better metric
is modulation error ratio, or MER, which is defined as the ratio
of the rms power of the ideal symbol to the rms power of the
symbol error vector.) The 1024 QAM signal starts to degrade
due to the noise and distortion components impacting the
closely packed symbols in the constellation.
0
–50
–45
–40
–35
–30
–25
–20
–15
–10
–5
–40
–30
–20
–10
0
10
20
VIN (dBV p-p)
9dB, 12dB, 12dB, 3dB
12dB, 12dB, 12dB, 3dB
15dB, 12dB, 12dB, 3dB
15dB, 15dB, 15dB, 3dB
15dB, 18dB, 18dB, 3dB
15dB, 21dB, 21dB, 3dB
15dB, 21dB, 21dB, 9dB
0
–50
–45
–40
–35
–30
–25
–20
–15
–10
–5
–80
20
10
0
–10
–20
–30
–40
–50
–60
–70
PIN (dBm)
10MSPS
50MSPS
0
–50
–45
–40
–35
–30
–25
–20
–15
–10
–5
–80
20
10
0
–10
–20
–30
–40
–50
–60
–70
PIN (dBm)
10MSPS
50MSPS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com