Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6518ACPZ-R7 Datasheet(PDF) 15 Page - Analog Devices

Part # ADRF6518ACPZ-R7
Description  1.1 GHz Variable Gain Amplifiers Baseband Programmable Filters
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6518ACPZ-R7 Datasheet(HTML) 15 Page - Analog Devices

Back Button ADRF6518ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADRF6518ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADRF6518ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADRF6518ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADRF6518ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADRF6518ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADRF6518ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADRF6518ACPZ-R7 Datasheet HTML 18Page - Analog Devices ADRF6518ACPZ-R7 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 39 page
background image
Data Sheet
ADRF6518
Rev. A | Page 15 of 39
Figure 47. Peak Detector Time Domain Response
Figure 48. Peak Detector Output vs. VIN over Temperature;
VGN1 = 0.5 V, VGN2 = VGN3 = 0 V
Figure 49. VGA1 Gain Step Response; VGN2/VGN3 = 0.5 V, −24 dBV RMS
Input Signal Level, C27 = 100 pF
Figure 50. Peak Detector Hold Reset Time Domain Response
Figure 51. Peak Detector Hold Time Over RAVG
Figure 52. VGA2/VGA3 Gain Step Response; VGN1 = 0.5 V, −4 dBV RMS
Input Signal Level, C17 and C32 = 100 pF
20ns/DIV
VPK
(200mV/DIV)
BASEBAND OUTPUT
(500mV/DIV)
10
1
0.1
0.01
VIN (dBV)
+25°C
+85°C
–40°C
16
–24
–19
–14
–9
–4
1
6
11
500ns/DIV
20dB GAIN STEP
VGN1 = 200mV to 860mV
(200mV/DIV)
25mV p-p TO 250mV p-p
(50mV/DIV)
10ns/DIV
VPK
(200mV/DIV)
SDO/RST
(1V/DIV)
0.6
0.5
0.4
0.3
0.2
0.1
0
02468
10
12
14
16
18
20
TIME (ms)
OPEN
1MΩ
100kΩ
500ns/DIV
20dB GAIN STEP
VGN2/VGN3 = 200mV to 530mV
(100mV/DIV)
75mV p-p TO 750mV p-p
(50mV/DIV)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com