Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6518ACPZ-R7 Datasheet(PDF) 23 Page - Analog Devices

Part # ADRF6518ACPZ-R7
Description  1.1 GHz Variable Gain Amplifiers Baseband Programmable Filters
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6518ACPZ-R7 Datasheet(HTML) 23 Page - Analog Devices

Back Button ADRF6518ACPZ-R7 Datasheet HTML 19Page - Analog Devices ADRF6518ACPZ-R7 Datasheet HTML 20Page - Analog Devices ADRF6518ACPZ-R7 Datasheet HTML 21Page - Analog Devices ADRF6518ACPZ-R7 Datasheet HTML 22Page - Analog Devices ADRF6518ACPZ-R7 Datasheet HTML 23Page - Analog Devices ADRF6518ACPZ-R7 Datasheet HTML 24Page - Analog Devices ADRF6518ACPZ-R7 Datasheet HTML 25Page - Analog Devices ADRF6518ACPZ-R7 Datasheet HTML 26Page - Analog Devices ADRF6518ACPZ-R7 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 39 page
background image
Data Sheet
ADRF6518
Rev. A | Page 23 of 39
VARIABLE GAIN AMPLIFIERS (VGAs)
The cascaded VGA2 and VGA3 are also based on the X-AMP
architecture, and each has 24 dB gain range with separate high
impedance gain control inputs, VGN2 and VGN3. The VGA
structures of the second and third VGAs are identical to that of
the first VGA. However, these have slightly higher noise figure
and less drive level capability. Their output is rated at 1 V p-p
for >60 dBc HD2 and HD3. Depending on the input signal
range, the second or third VGA or both can be used for AGC
purposes. The critical level to consider while making this choice
is the signal level at the output of the VGAs, which must not
exceeded 1 V p-p to maintain low distortion.
The fixed gain following both of the variable gain sections can
also be programmed to 12 dB, 15 dB, 18 dB, or 21 dB to maxim-
ize the dynamic range.
OUTPUT BUFFERS/ADC DRIVERS
The low impedance (<10 Ω) output buffers of the ADRF6518
are designed to drive either ADC inputs or subsequent amplifier
stages. They are capable of delivering up to 4 V p-p composite
two-tone signals into 400 Ω differential loads with >60 dBc
IMD3. The output common-mode voltage defaults to VPS/2,
but it can be adjusted from 900 mV to VPS − 1.2 V without loss
of drive capability by presenting the VOCM pin with the
desired common-mode voltage. The high input impedance of
VOCM allows the ADC reference output to be connected
directly. Even though the output common-mode voltage is
adjustable, and the offset compensation loop can null the
accumulated dc offsets (see the DC Offset Compensation Loop
section), it may still be desirable to ac-couple the outputs by
selecting the coupling capacitors according to the load imped-
ance and desired bandwidth.
DC OFFSET COMPENSATION LOOP
In many signal processing applications, no information is
carried in the dc level. In fact, dc voltages and other low
frequency disturbances can often dominate the intended signal
and consume precious dynamic range in the analog path and
bits in the data converters. These dc voltages can be present
with the desired input signal or can be generated inside the
signal path by inherent dc offsets or other unintended signal-
dependent processes such as self-mixing or rectification.
Because the ADRF6518 is fully dc-coupled, it may be necessary
to remove these offsets to realize the maximum signal-to-noise
ratio (SNR). The external offsets can be eliminated with ac-
coupling capacitors at the input pins; however, that requires
large value capacitors because the impedances can be fairly low,
and high-pass corners may need to be <10 Hz in some cases. To
address the issue of dc offsets, the ADRF6518 provides an offset
correction loop that nulls the output differential dc level, as
shown in Figure 71. If the correction loop is not required, it can
be disabled through the SPI port.
Figure 71. Offset Compensation Loop Operates Around the VGA
and Output Buffer
The offset control loop creates a high-pass corner, fHP, that
is superimposed on the normal Butterworth filter response
when filters are enabled. Typically, fHP is many orders of
magnitude lower than the lower programmed filter bandwidth
so that there is no interaction between them. Setting fHP is
accomplished with capacitors, COFS, from the OFS1 and OFS2
pins to ground. Because the correction loop works around the
VGA sections, fHP is also dependent on the total gain of the
cascaded VGAs. In general, the expression for fHP is given by
fHP (Hz) = 6.7 × Post Filter Linear Gain/COFS (μF)
where Post Filter Linear Gain is expressed in linear terms, not
in decibels (dB), and is the gain following the filters, which
excludes the VGA1 gain.
Note that fHP increases in proportion to the gain. For this
reason, choose COFS at the highest operating gain to guarantee
that fHP is always below the maximum limit required by the
system.
PROGRAMMING THE ADRF6518
The 0.5 dB corner frequencies for both filters, the digital gains of all
the VGAs, and the output buffers are programmed simultane-
ously through the SPI port. In addition to these, enabling the dc
offset compensation loop and power mode selection are also
controlled through SPI port. A 16-bit register stores 15 data bits,
including the 6-bit code for corner frequencies of 1 MHz through
63 MHz and filter bypass, as well as the codes for VGA gains,
and the postamplifier gain (see Table 5). The SPI protocol not
only allows these selections to be written to the DATA pin, but
also allows the stored code to be read back via the SDO/RST pin.
The latch enable (LE) pin must first go to a Logic 0 for a read or
write cycle to begin. On the next rising edge of the clock (CLK),
a Logic 1 on the DATA pin initiates a write cycle, whereas a
Logic 0 on the DATA pin initiates a read cycle. In a write cycle,
the next 15 CLK rising edges latch the desired 15-bit code, LSB
first. This results in 16-bit code, including the first Logic 1 to
initiate a write cycle. When LE goes high, the write cycle is
completed and different codes are presented various blocks that
need programming. In a read cycle, the next 15 CLK falling
edges present the stored 15-bit code, LSB first. When LE goes
high, the read cycle is completed. Detailed timing diagrams are
shown in Figure 2 and Figure 3.
GAIN
FROM
FILTERS
COFS
OFSx
OFDS
50dB
VGA
OUTPUT ADC
DRIVER
BASEBAND
OUTPUTS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com