Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSD813F2V Datasheet(PDF) 53 Page - STMicroelectronics

Part # PSD813F2V
Description  Flash In-System Programmable (ISP) Peripherals for8-bits MCUs, 3V
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD813F2V Datasheet(HTML) 53 Page - STMicroelectronics

Back Button PSD813F2V Datasheet HTML 49Page - STMicroelectronics PSD813F2V Datasheet HTML 50Page - STMicroelectronics PSD813F2V Datasheet HTML 51Page - STMicroelectronics PSD813F2V Datasheet HTML 52Page - STMicroelectronics PSD813F2V Datasheet HTML 53Page - STMicroelectronics PSD813F2V Datasheet HTML 54Page - STMicroelectronics PSD813F2V Datasheet HTML 55Page - STMicroelectronics PSD813F2V Datasheet HTML 56Page - STMicroelectronics PSD813F2V Datasheet HTML 57Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 110 page
background image
53/110
PSD813F2V, PSD833F2V, PSD853F2V, PSD854F2V
MCU I/O Mode
In the MCU I/O mode, the MCU uses the I/O Ports
block to expand its own I/O ports. By setting up the
CSIOP space, the ports on the PSD are mapped
into the MCU address space. The addresses of
the ports are listed in Table 7., page 18.
A port pin can be put into MCU I/O mode by writing
a 0 to the corresponding bit in the Control Regis-
ter. The MCU I/O direction may be changed by
writing to the corresponding bit in the Direction
Register, or by the output enable product term.
See
the
section
entitled
Peripheral
I/O
Mode, page 55. When the pin is configured as an
output, the content of the Data Out Register drives
the pin. When configured as an input, the MCU
can read the port input through the Data In buffer.
See Figure 26., page 52.
Ports C and D do not have Control Registers, and
are in MCU I/O mode by default. They can be used
for PLD I/O if equations are written for them in PS-
Dabel.
PLD I/O Mode
The PLD I/O Mode uses a port as an input to the
CPLD’s Input Macrocells (IMC), and/or as an out-
put from the CPLD’s Output Macrocells (OMC).
The output can be tri-stated with a control signal.
This output enable control signal can be defined
by a product term from the PLD, or by resetting the
corresponding bit in the Direction Register to ’0.’
The corresponding bit in the Direction Register
must not be set to '1' if the pin is defined for a PLD
input signal in PSDabel. The PLD I/O mode is
specified in PSDabel by declaring the port pins,
and then writing an equation assigning the PLD I/
O to a port.
Address Out Mode
For MCUs with a multiplexed address/data bus,
Address Out Mode can be used to drive latched
addresses on to the port pins. These port pins can,
in turn, drive external devices. Either the output
enable or the corresponding bits of both the Direc-
tion Register and Control Register must be set to
a 1 for pins to use Address Out Mode. This must
be done by the MCU at run-time. See Table 21 for
the address output pin assignments on Ports A
and B for various MCUs.
For non-multiplexed 8-bit bus mode, address sig-
nals (A7-A0) are available to Port B in Address Out
Mode.
Note: Do not drive address signals with Address
Out Mode to an external memory device if it is in-
tended for the MCU to Boot from the external de-
vice. The MCU must first Boot from PSD memory
so the Direction and Control register bits can be
set.
Table 19. Port Operating Modes
Note: 1. Can be multiplexed with other I/O functions.
Port Mode
Port A
Port B
Port C
Port D
MCU I/O
Yes
Yes
Yes
Yes
PLD I/O
McellAB Outputs
McellBC Outputs
Additional Ext. CS Outputs
PLD Inputs
Yes
No
No
Yes
Yes
Yes
No
Yes
No
Yes
No
Yes
No
No
Yes
Yes
Address Out
Yes (A7 – 0)
Yes (A7 – 0)
or (A15 – 8)
No
No
Address In
Yes
Yes
Yes
Yes
Data Port
Yes (D7 – 0)
No
No
No
Peripheral I/O
Yes
No
No
No
JTAG ISP
No
No
Yes1
No



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com