Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSD813F2V Datasheet(PDF) 25 Page - STMicroelectronics

Part # PSD813F2V
Description  Flash In-System Programmable (ISP) Peripherals for8-bits MCUs, 3V
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD813F2V Datasheet(HTML) 25 Page - STMicroelectronics

Back Button PSD813F2V Datasheet HTML 21Page - STMicroelectronics PSD813F2V Datasheet HTML 22Page - STMicroelectronics PSD813F2V Datasheet HTML 23Page - STMicroelectronics PSD813F2V Datasheet HTML 24Page - STMicroelectronics PSD813F2V Datasheet HTML 25Page - STMicroelectronics PSD813F2V Datasheet HTML 26Page - STMicroelectronics PSD813F2V Datasheet HTML 27Page - STMicroelectronics PSD813F2V Datasheet HTML 28Page - STMicroelectronics PSD813F2V Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 110 page
background image
25/110
PSD813F2V, PSD833F2V, PSD853F2V, PSD854F2V
PROGRAMMING FLASH MEMORY
Flash memory must be erased prior to being pro-
grammed. A byte of Flash memory is erased to all
1s (FFh), and is programmed by setting selected
bits to ’0.’ The MCU may erase Flash memory all
at once or by-sector, but not byte-by-byte. Howev-
er, the MCU may program Flash memory byte-by-
byte.
The primary and secondary Flash memories re-
quire the MCU to send an instruction to program a
byte or to erase sectors (see Table 9., page 21).
Once the MCU issues a Flash memory Program or
Erase instruction, it must check for the status bits
for completion. The embedded algorithms that are
invoked inside the PSD support several means to
provide status to the MCU. Status may be checked
using any of three methods: Data Polling, Data
Toggle, or Ready/Busy (PC3).
Data Polling
Polling on the Data Polling Flag Bit (DQ7) is a
method of checking whether a Program or Erase
cycle is in progress or has completed. Figure 7
shows the Data Polling algorithm.
When the MCU issues a Program instruction, the
embedded algorithm within the PSD begins. The
MCU then reads the location of the byte to be pro-
grammed in Flash memory to check status. The
Data Polling Flag Bit (DQ7) of this location be-
comes the complement of b7 of the original data
byte to be programmed. The MCU continues to
poll this location, comparing the Data Polling Flag
Bit (DQ7) and monitoring the Error Flag Bit (DQ5).
When the Data Polling Flag Bit (DQ7) matches b7
of the original data, and the Error Flag Bit (DQ5)
remains ’0,’ the embedded algorithm is complete.
If the Error Flag Bit (DQ5) is '1,' the MCU should
test the Data Polling Flag Bit (DQ7) again since
the Data Polling Flag Bit (DQ7) may have changed
simultaneously with the Error Flag Bit (DQ5, see
Figure 7).
The Error Flag Bit (DQ5) is set if either an internal
time-out occurred while the embedded algorithm
attempted to program the byte or if the MCU at-
tempted to program a '1' to a bit that was not
erased (not erased is logic '0').
It is suggested (as with all Flash memories) to read
the location again after the embedded program-
ming algorithm has completed, to compare the
byte that was written to the Flash memory with the
byte that was intended to be written.
When using the Data Polling method during an
Erase cycle, Figure 7 still applies. However, the
Data Polling Flag Bit (DQ7) is '0' until the Erase cy-
cle is complete. A 1 on the Error Flag Bit (DQ5) in-
dicates a time-out condition on the Erase cycle; a
0 indicates no error. The MCU can read any loca-
tion within the sector being erased to get the Data
Polling Flag Bit (DQ7) and the Error Flag Bit
(DQ5).
PSDsoft Express generates ANSI C code func-
tions which implement these Data Polling algo-
rithms.
Figure 7. Data Polling Flowchart
READ DQ5 & DQ7
at VALID ADDRESS
START
READ DQ7
FAIL
PASS
AI01369B
DQ7
=
DATA
YES
NO
YES
NO
DQ5
= 1
DQ7
=
DATA
YES
NO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com