Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSD813F2V Datasheet(PDF) 20 Page - STMicroelectronics

Part # PSD813F2V
Description  Flash In-System Programmable (ISP) Peripherals for8-bits MCUs, 3V
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD813F2V Datasheet(HTML) 20 Page - STMicroelectronics

Back Button PSD813F2V Datasheet HTML 16Page - STMicroelectronics PSD813F2V Datasheet HTML 17Page - STMicroelectronics PSD813F2V Datasheet HTML 18Page - STMicroelectronics PSD813F2V Datasheet HTML 19Page - STMicroelectronics PSD813F2V Datasheet HTML 20Page - STMicroelectronics PSD813F2V Datasheet HTML 21Page - STMicroelectronics PSD813F2V Datasheet HTML 22Page - STMicroelectronics PSD813F2V Datasheet HTML 23Page - STMicroelectronics PSD813F2V Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 110 page
background image
PSD813F2V, PSD833F2V, PSD853F2V, PSD854F2V
20/110
Primary Flash Memory and Secondary Flash
memory Description
The primary Flash memory is divided evenly into
eight equal sectors. The secondary Flash memory
is divided into four equal sectors. Each sector of
either memory block can be separately protected
from Program and Erase cycles.
Flash memory may be erased on a sector-by-sec-
tor basis. Flash sector erasure may be suspended
while data is read from other sectors of the block
and then resumed after reading.
During a Program or Erase cycle in Flash memory,
the status can be output on Ready/Busy (PC3).
This pin is set up using PSDsoft Express Configu-
ration.
Memory Block Select Signals
The DPLD generates the Select signals for all the
internal memory blocks (see the section entitled
PLDS, page 33). Each of the eight sectors of the
primary Flash memory has a Select signal (FS0-
FS7) which can contain up to three product terms.
Each of the four sectors of the secondary Flash
memory
has
a
Select
signal
(CSBOOT0-
CSBOOT3) which can contain up to three product
terms. Having three product terms for each Select
signal allows a given sector to be mapped in differ-
ent areas of system memory. When using a MCU
with separate Program and Data space, these
flexible Select signals allow dynamic re-mapping
of sectors from one memory space to the other.
Ready/Busy (PC3). This signal can be used to
output the Ready/Busy status of the PSD. The out-
put on Ready/Busy (PC3) is a 0 (Busy) when Flash
memory is being written to, or when Flash memory
is being erased. The output is a 1 (Ready) when
no WRITE or Erase cycle is in progress.
Memory Operation. The primary Flash memory
and secondary Flash memory are addressed
through the MCU Bus Interface. The MCU can ac-
cess these memories in one of two ways:
–
The MCU can execute a typical bus WRITE or
READ operation just as it would if accessing a
RAM or ROM device using standard bus
cycles.
–
The MCU can execute a specific instruction
that consists of several WRITE and READ
operations. This involves writing specific data
patterns to special addresses within the Flash
memory to invoke an embedded algorithm.
These instructions are summarized in Table
9., page 21.
Typically, the MCU can read Flash memory using
READ operations, just as it would read a ROM de-
vice. However, Flash memory can only be altered
using specific Erase and Program instructions. For
example, the MCU cannot write a single byte di-
rectly to Flash memory as it would write a byte to
RAM. To program a byte into Flash memory, the
MCU must execute a Program instruction, then
test the status of the Program cycle. This status
test is achieved by a READ operation or polling
Ready/Busy (PC3).
Flash memory can also be read by using special
instructions to retrieve particular Flash device in-
formation (sector protect status and ID).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com