Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSD813F2V Datasheet(PDF) 16 Page - STMicroelectronics

Part # PSD813F2V
Description  Flash In-System Programmable (ISP) Peripherals for8-bits MCUs, 3V
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD813F2V Datasheet(HTML) 16 Page - STMicroelectronics

Back Button PSD813F2V Datasheet HTML 12Page - STMicroelectronics PSD813F2V Datasheet HTML 13Page - STMicroelectronics PSD813F2V Datasheet HTML 14Page - STMicroelectronics PSD813F2V Datasheet HTML 15Page - STMicroelectronics PSD813F2V Datasheet HTML 16Page - STMicroelectronics PSD813F2V Datasheet HTML 17Page - STMicroelectronics PSD813F2V Datasheet HTML 18Page - STMicroelectronics PSD813F2V Datasheet HTML 19Page - STMicroelectronics PSD813F2V Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 110 page
background image
PSD813F2V, PSD833F2V, PSD853F2V, PSD854F2V
16/110
JTAG Port
In-System Programming (ISP) can be performed
through the JTAG signals on Port C. This serial in-
terface allows complete programming of the entire
PSD device. A blank device can be completely
programmed. The JTAG signals (TMS, TCK,
TSTAT, TERR, TDI, TDO) can be multiplexed with
other functions on Port C. Table 4 indicates the
JTAG pin assignments.
In-System Programming (ISP)
Using the JTAG signals on Port C, the entire PSD
device can be programmed or erased without the
use of the MCU. The primary Flash memory can
also be programmed in-system by the MCU exe-
cuting the programming algorithms out of the sec-
ondary
memory,
or
SRAM.
The
secondary
memory can be programmed the same way by ex-
ecuting out of the primary Flash memory. The PLD
or other PSD Configuration blocks can be pro-
grammed through the JTAG port or a device pro-
grammer. Table 5 indicates which programming
methods can program different functional blocks
of the PSD.
Power Management Unit (PMU)
The Power Management Unit (PMU) gives the
user control of the power consumption on selected
functional blocks based on system requirements.
The PMU includes an Automatic Power-down
(APD) Unit that turns off device functions during
MCU inactivity. The APD Unit has a Power-down
mode that helps reduce power consumption.
The PSD also has some bits that are configured at
run-time by the MCU to reduce power consump-
tion of the CPLD. The Turbo Bit in PMMR0 can be
reset to '0' and the CPLD latches its outputs and
goes to sleep until the next transition on its inputs.
Additionally, bits in PMMR2 can be set by the
MCU to block signals from entering the CPLD to
reduce power consumption. Please see the sec-
tion entitled POWER MANAGEMENT, page 62 for
more details.
Table 4. JTAG SIgnals on Port C
Table 5. Methods of Programming Different Functional Blocks of the PSD
Port C Pins
JTAG Signal
PC0
TMS
PC1
TCK
PC3
TSTAT
PC4
TERR
PC5
TDI
PC6
TDO
Functional Block
JTAG Programming
Device Programmer
IAP
Primary Flash Memory
Yes
Yes
Yes
Secondary Flash Memory
Yes
Yes
Yes
PLD Array (DPLD and CPLD)
Yes
Yes
No
PSD Configuration
Yes
Yes
No



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com