Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSD813F2V Datasheet(PDF) 67 Page - STMicroelectronics

Part # PSD813F2V
Description  Flash In-System Programmable (ISP) Peripherals for8-bits MCUs, 3V
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD813F2V Datasheet(HTML) 67 Page - STMicroelectronics

Back Button PSD813F2V Datasheet HTML 63Page - STMicroelectronics PSD813F2V Datasheet HTML 64Page - STMicroelectronics PSD813F2V Datasheet HTML 65Page - STMicroelectronics PSD813F2V Datasheet HTML 66Page - STMicroelectronics PSD813F2V Datasheet HTML 67Page - STMicroelectronics PSD813F2V Datasheet HTML 68Page - STMicroelectronics PSD813F2V Datasheet HTML 69Page - STMicroelectronics PSD813F2V Datasheet HTML 70Page - STMicroelectronics PSD813F2V Datasheet HTML 71Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 110 page
background image
67/110
PSD813F2V, PSD833F2V, PSD853F2V, PSD854F2V
RESET TIMING AND DEVICE STATUS AT RESET
Power-Up Reset
Upon Power-up, the PSD requires a Reset (RE-
SET) pulse of duration tNLNH-PO after VCC is
steady. During this period, the device loads inter-
nal configurations, clears some of the registers
and sets the Flash memory into Operating mode.
After the rising edge of Reset (RESET), the PSD
remains in the Reset mode for an additional peri-
od, tOPR, before the first memory access is al-
lowed.
The Flash memory is reset to the READ Mode
upon Power-up. Sector Select (FS0-FS7 and
CSBOOT0-CSBOOT3) must all be Low, Write
Strobe (WR, CNTL0) High, during Power On Re-
set for maximum security of the data contents and
to remove the possibility of a byte being written on
the first edge of Write Strobe (WR, CNTL0). Any
Flash memory WRITE cycle initiation is prevented
automatically when VCC is below VLKO.
Warm Reset
Once the device is up and running, the device can
be reset with a pulse of a much shorter duration,
tNLNH.
The same tOPR period is needed before the device
is operational after warm reset. Figure 34 shows
the timing of the Power-up and warm reset.
I/O Pin, Register and PLD Status at Reset
Table 33., page 68 shows the I/O pin, register and
PLD status during Power On Reset, warm reset
and Power-down mode. PLD outputs are always
valid during warm reset, and they are valid in Pow-
er On Reset once the internal PSD Configuration
bits are loaded. This loading of PSD is completed
typically long before the VCC ramps up to operat-
ing level. Once the PLD is active, the state of the
outputs are determined by the PSDabel equa-
tions.
Reset of Flash Memory Erase and Program
Cycles (on the PSD834Fx)
A Reset (RESET) also resets the internal Flash
memory state machine. During a Flash memory
Program or Erase cycle, Reset (RESET) termi-
nates the cycle and returns the Flash memory to
the Read Mode within a period of tNLNH-A.
Figure 34. Reset (RESET) Timing
tNLNH-PO
tOPR
AI02866b
RESET
tNLNH
tNLNH-A
tOPR
VCC
V
CC(min)
Power-On Reset
Warm Reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com