Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSD813F2V Datasheet(PDF) 68 Page - STMicroelectronics

Part # PSD813F2V
Description  Flash In-System Programmable (ISP) Peripherals for8-bits MCUs, 3V
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD813F2V Datasheet(HTML) 68 Page - STMicroelectronics

Back Button PSD813F2V Datasheet HTML 64Page - STMicroelectronics PSD813F2V Datasheet HTML 65Page - STMicroelectronics PSD813F2V Datasheet HTML 66Page - STMicroelectronics PSD813F2V Datasheet HTML 67Page - STMicroelectronics PSD813F2V Datasheet HTML 68Page - STMicroelectronics PSD813F2V Datasheet HTML 69Page - STMicroelectronics PSD813F2V Datasheet HTML 70Page - STMicroelectronics PSD813F2V Datasheet HTML 71Page - STMicroelectronics PSD813F2V Datasheet HTML 72Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 110 page
background image
PSD813F2V, PSD833F2V, PSD853F2V, PSD854F2V
68/110
Table 33. Status During Power-On Reset, Warm Reset and Power-down Mode
Note: 1. The SR_cod and PeriphMode bits in the VM Register are always cleared to '0' on Power-On Reset or Warm Reset.
Port Configuration
Power-On Reset
Warm Reset
Power-down Mode
MCU I/O
Input mode
Input mode
Unchanged
PLD Output
Valid after internal PSD
configuration bits are
loaded
Valid
Depends on inputs to PLD
(addresses are blocked in
PD mode)
Address Out
Tri-stated
Tri-stated
Not defined
Data Port
Tri-stated
Tri-stated
Tri-stated
Peripheral I/O
Tri-stated
Tri-stated
Tri-stated
Register
Power-On Reset
Warm Reset
Power-down Mode
PMMR0 and PMMR2
Cleared to '0'
Unchanged
Unchanged
Macrocells flip-flop status
Cleared to '0' by internal
Power-On Reset
Depends on .re and .pr
equations
Depends on .re and .pr
equations
VM Register1
Initialized, based on the
selection in PSDsoft
Configuration menu
Initialized, based on the
selection in PSDsoft
Configuration menu
Unchanged
All other registers
Cleared to '0'
Cleared to '0'
Unchanged



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com