Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSD813F2V Datasheet(PDF) 36 Page - STMicroelectronics

Part # PSD813F2V
Description  Flash In-System Programmable (ISP) Peripherals for8-bits MCUs, 3V
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD813F2V Datasheet(HTML) 36 Page - STMicroelectronics

Back Button PSD813F2V Datasheet HTML 32Page - STMicroelectronics PSD813F2V Datasheet HTML 33Page - STMicroelectronics PSD813F2V Datasheet HTML 34Page - STMicroelectronics PSD813F2V Datasheet HTML 35Page - STMicroelectronics PSD813F2V Datasheet HTML 36Page - STMicroelectronics PSD813F2V Datasheet HTML 37Page - STMicroelectronics PSD813F2V Datasheet HTML 38Page - STMicroelectronics PSD813F2V Datasheet HTML 39Page - STMicroelectronics PSD813F2V Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 110 page
background image
PSD813F2V, PSD833F2V, PSD853F2V, PSD854F2V
36/110
Complex PLD (CPLD)
The CPLD can be used to implement system logic
functions, such as loadable counters and shift reg-
isters, system mailboxes, handshaking protocols,
state machines, and random logic. The CPLD can
also be used to generate three External Chip Se-
lect (ECS0-ECS2), routed to Port D.
Although External Chip Select (ECS0-ECS2) can
be produced by any Output Macrocell (OMC),
these three External Chip Select (ECS0-ECS2) on
Port D do not consume any Output Macrocells
(OMC).
As shown in Figure 13., page 34, the CPLD has
the following blocks:
■
24 Input Macrocells (IMC)
■
16 Output Macrocells (OMC)
■
Macrocell Allocator
■
Product Term Allocator
■
AND Array capable of generating up to 137
product terms
■
Four I/O Ports.
Each of the blocks are described in the sections
that follow.
The Input Macrocells (IMC) and Output Macrocells
(OMC) are connected to the PSD internal data bus
and can be directly accessed by the MCU. This
enables the MCU software to load data into the
Output Macrocells (OMC) or read data from both
the Input and Output Macrocells (IMC and OMC).
This feature allows efficient implementation of sys-
tem logic and eliminates the need to connect the
data bus to the AND Array as required in most
standard PLD macrocell architectures.
Figure 15. Macrocell and I/O Port
I/O PORTS
CPLD MACROCELLS
INPUT MACROCELLS
LATCHED
ADDRESS OUT
MUX
D
D
Q
Q
Q
G
D
QD
WR
WR
PDR
DATA
PRODUCT TERM
ALLOCATOR
DIR
REG.
SELECT
INPUT
PRODUCT TERMS
FROM OTHER
MACROCELLS
POLARITY
SELECT
UP TO 10
PRODUCT TERMS
CLOCK
SELECT
PR
DI LD
D/T
CK
CL
Q
D/T/JK FF
SELECT
PT CLEAR
PT
CLOCK
GLOBAL
CLOCK
PT OUTPUT ENABLE (OE)
MACROCELL FEEDBACK
I/O PORT INPUT
ALE/AS
PT INPUT LATCH GATE/CLOCK
MCU LOAD
PT PRESET
MCU DATA IN
COMB.
/REG
SELECT
MACROCELL
TO
I/O PORT
ALLOC.
CPLD
OUTPUT
TO OTHER I/O PORTS
MCU ADDRESS / DATA BUS
MACROCELL
OUT TO
MCU
DATA
LOAD
CONTROL
CPLD OUTPUT
I/O PIN
AI02874



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com