Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSD813F2V Datasheet(PDF) 50 Page - STMicroelectronics

Part # PSD813F2V
Description  Flash In-System Programmable (ISP) Peripherals for8-bits MCUs, 3V
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD813F2V Datasheet(HTML) 50 Page - STMicroelectronics

Back Button PSD813F2V Datasheet HTML 46Page - STMicroelectronics PSD813F2V Datasheet HTML 47Page - STMicroelectronics PSD813F2V Datasheet HTML 48Page - STMicroelectronics PSD813F2V Datasheet HTML 49Page - STMicroelectronics PSD813F2V Datasheet HTML 50Page - STMicroelectronics PSD813F2V Datasheet HTML 51Page - STMicroelectronics PSD813F2V Datasheet HTML 52Page - STMicroelectronics PSD813F2V Datasheet HTML 53Page - STMicroelectronics PSD813F2V Datasheet HTML 54Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 110 page
background image
PSD813F2V, PSD833F2V, PSD853F2V, PSD854F2V
50/110
68HC11
Figure 25 shows a bus interface to a 68HC11
where the PSD is configured in 8-bit multiplexed
mode with E and R/W settings. The DPLD can be
used to generate the READ and WR signals for
external devices.
Figure 25. Interfacing the PSD with a 68HC11
9
10
11
12
13
14
15
16
ADIO0
ADIO1
ADIO2
ADIO3
AD104
AD105
ADIO6
ADIO7
ADIO8
ADIO9
ADIO10
ADIO11
AD1012
AD1013
ADIO14
ADIO15
CNTL0 (R _W)
CNTL1(E)
CNTL 2
PD0 –AS
PD1
PD2
RESET
20
21
22
23
24
25
3
5
4
6
42
41
40
39
38
37
36
35
AD0
AD0
AD1
AD2
AD3
AD4
AD5
AD6
AD7
A8
A9
A10
A14
A15
A13
A11
A12
AD1
AD2
AD3
AD4
AD5
AD6
AD7
E
AS
R/W
XT
EX
RESET
IRQ
XIRQ
PA0
PA1
PA2
PE0
PE1
PE2
PE3
PE4
PE5
PE6
PE7
VRH
VRL
PA3
PA4
PA5
PA6
PA7
PB0
PB1
PB2
PB3
PB4
PB5
PB6
PB7
PA0
PA1
PA2
PA3
PA4
PA5
PA6
PA7
PC0
PC1
PC2
PC3
PC4
PC5
PC6
PC7
PC0
PC1
PC3
PC4
PC5
PC6
PC7
PD0
PD1
PD2
PD3
PD4
PD5
MODA
E
AS
R/W
31
30
31
32
33
34
35
36
37
39
40
41
42
43
44
45
46
48
8
9
10
49
50
47
8
7
17
19
18
34
33
32
43
44
45
46
47
48
49
50
52
51
30
29
28
27
29
28
27
25
24
23
22
21
20
19
18
17
14
13
12
11
PB0
PB1
PB2
PB3
PB4
PB5
PB6
PB7
7
6
5
4
3
2
52
51
MODB
2
68HC11
PSD
RESET
RESET
AD7-AD0
AD7-AD0
PC2
AI02884C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com