Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSD813F2V Datasheet(PDF) 51 Page - STMicroelectronics

Part # PSD813F2V
Description  Flash In-System Programmable (ISP) Peripherals for8-bits MCUs, 3V
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD813F2V Datasheet(HTML) 51 Page - STMicroelectronics

Back Button PSD813F2V Datasheet HTML 47Page - STMicroelectronics PSD813F2V Datasheet HTML 48Page - STMicroelectronics PSD813F2V Datasheet HTML 49Page - STMicroelectronics PSD813F2V Datasheet HTML 50Page - STMicroelectronics PSD813F2V Datasheet HTML 51Page - STMicroelectronics PSD813F2V Datasheet HTML 52Page - STMicroelectronics PSD813F2V Datasheet HTML 53Page - STMicroelectronics PSD813F2V Datasheet HTML 54Page - STMicroelectronics PSD813F2V Datasheet HTML 55Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 110 page
background image
51/110
PSD813F2V, PSD833F2V, PSD853F2V, PSD854F2V
I/O PORTS
There are four programmable I/O ports: Ports A, B,
C, and D. Each of the ports is eight bits except Port
D, which is 3 bits. Each port pin is individually user
configurable, thus allowing multiple functions per
port. The ports are configured using PSDsoft Ex-
press Configuration or by the MCU writing to on-
chip registers in the CSIOP space.
The topics discussed in this section are:
■
General Port architecture
■
Port operating modes
■
Port Configuration Registers (PCR)
■
Port Data Registers
■
Individual Port functionality.
General Port Architecture
The general architecture of the I/O Port block is
shown in Figure 26., page 52. Individual Port ar-
chitectures are shown in Figure 28., page 58 to
Figure 31., page 61. In general, once the purpose
for a port pin has been defined, that pin is no long-
er available for other purposes. Exceptions are
noted.
As shown in Figure 26., page 52, the ports contain
an output multiplexer whose select signals are
driven by the configuration bits in the Control Reg-
isters (Ports A and B only) and PSDsoft Express
Configuration. Inputs to the multiplexer include the
following:
■
Output data from the Data Out register
■
Latched address outputs
■
CPLD macrocell output
■
External Chip Select (ECS0-ECS2) from the
CPLD.
The Port Data Buffer (PDB) is a tri-state buffer that
allows only one source at a time to be read. The
Port Data Buffer (PDB) is connected to the Internal
Data Bus for feedback and can be read by the
MCU. The Data Out and macrocell outputs, Direc-
tion and Control Registers, and port pin input are
all connected to the Port Data Buffer (PDB).
The Port pin’s tri-state output driver enable is con-
trolled by a two input OR gate whose inputs come
from the CPLD AND Array enable product term
and the Direction Register. If the enable product
term of any of the Array outputs are not defined
and that port pin is not defined as a CPLD output
in the PSDabel file, then the Direction Register has
sole control of the buffer that drives the port pin.
The contents of these registers can be altered by
the MCU. The Port Data Buffer (PDB) feedback
path allows the MCU to check the contents of the
registers.
Ports A, B, and C have embedded Input Macro-
cells (IMC). The Input Macrocells (IMC) can be
configured as latches, registers, or direct inputs to
the PLDs. The latches and registers are clocked
by Address Strobe (ALE/AS, PD0) or a product
term from the PLD AND Array. The outputs from
the Input Macrocells (IMC) drive the PLD input bus
and can be read by the MCU. See the section en-
titled Input Macrocell, page 41.
Port Operating Modes
The I/O Ports have several modes of operation.
Some modes can be defined using PSDabel,
some by the MCU writing to the Control Registers
in CSIOP space, and some by both. The modes
that can only be defined using PSDsoft Express
must be programmed into the device and cannot
be changed unless the device is reprogrammed.
The modes that can be changed by the MCU can
be done so dynamically at run-time. The PLD I/O,
Data Port, Address Input, and Peripheral I/O
modes are the only modes that must be defined
before programming the device. All other modes
can be changed by the MCU at run-time. See Ap-
plication Note AN1171 for more detail.
Table 19., page 53 summarizes which modes are
available on each port. Table 22., page 56 shows
how and where the different modes are config-
ured. Each of the port operating modes are de-
scribed in the following sections.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com