Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSD813F2V Datasheet(PDF) 86 Page - STMicroelectronics

Part # PSD813F2V
Description  Flash In-System Programmable (ISP) Peripherals for8-bits MCUs, 3V
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD813F2V Datasheet(HTML) 86 Page - STMicroelectronics

Back Button PSD813F2V Datasheet HTML 82Page - STMicroelectronics PSD813F2V Datasheet HTML 83Page - STMicroelectronics PSD813F2V Datasheet HTML 84Page - STMicroelectronics PSD813F2V Datasheet HTML 85Page - STMicroelectronics PSD813F2V Datasheet HTML 86Page - STMicroelectronics PSD813F2V Datasheet HTML 87Page - STMicroelectronics PSD813F2V Datasheet HTML 88Page - STMicroelectronics PSD813F2V Datasheet HTML 89Page - STMicroelectronics PSD813F2V Datasheet HTML 90Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 110 page
background image
PSD813F2V, PSD833F2V, PSD853F2V, PSD854F2V
86/110
Figure 44. Input Macrocell Timing (product term clock)
Table 53. Input Macrocell Timing (5V devices)
Note: 1. Inputs from Port A, B, and C relative to register/ latch clock from the PLD. ALE/AS latch timings refer to tAVLX and tLXAX.
Table 54. Input Macrocell Timing (3V devices)
Note: 1. Inputs from Port A, B, and C relative to register/latch clock from the PLD. ALE latch timings refer to tAVLX and tLXAX.
Symbol
Parameter
Conditions
-70
-90
-15
PT
Aloc
Turbo
Off
Unit
Min
Max
Min
Max
Min
Max
tIS
Input Setup Time
(Note 1)
00
0
ns
tIH
Input Hold Time
(Note 1)
15
20
26
+ 10
ns
tINH
NIB Input High Time
(Note 1)
912
18
ns
tINL
NIB Input Low Time
(Note 1)
912
18
ns
tINO
NIB Input to Combinatorial
Delay
(Note 1)
34
46
59
+ 2
+ 10
ns
Symbol
Parameter
Conditions
-12
-15
-20
PT
Aloc
Turbo
Off
Unit
Min
Max
Min
Max
Min
Max
tIS
Input Setup Time
(Note 1)
00
0
ns
tIH
Input Hold Time
(Note 1)
25
25
30
+ 20
ns
tINH
NIB Input High Time
(Note 1)
12
13
15
ns
tINL
NIB Input Low Time
(Note 1)
12
13
15
ns
tINO
NIB Input to Combinatorial
Delay
(Note 1)
46
62
70
+ 4
+ 20
ns
tINH
tINL
tINO
tIH
tIS
PT CLOCK
INPUT
OUTPUT
AI03101



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com