Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSD813F2V Datasheet(PDF) 89 Page - STMicroelectronics

Part # PSD813F2V
Description  Flash In-System Programmable (ISP) Peripherals for8-bits MCUs, 3V
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD813F2V Datasheet(HTML) 89 Page - STMicroelectronics

Back Button PSD813F2V Datasheet HTML 85Page - STMicroelectronics PSD813F2V Datasheet HTML 86Page - STMicroelectronics PSD813F2V Datasheet HTML 87Page - STMicroelectronics PSD813F2V Datasheet HTML 88Page - STMicroelectronics PSD813F2V Datasheet HTML 89Page - STMicroelectronics PSD813F2V Datasheet HTML 90Page - STMicroelectronics PSD813F2V Datasheet HTML 91Page - STMicroelectronics PSD813F2V Datasheet HTML 92Page - STMicroelectronics PSD813F2V Datasheet HTML 93Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 110 page
background image
89/110
PSD813F2V, PSD833F2V, PSD853F2V, PSD854F2V
Table 56. READ Timing (3V devices)
Note: 1. RD timing has the same timing as DS, LDS, UDS, and PSEN signals.
2. RD and PSEN have the same timing for 8031.
3. Any input used to select an internal PSD function.
4. In multiplexed mode latched address generated from ADIO delay to address output on any Port.
5. RD timing has the same timing as DS, LDS, and UDS signals.
Symbol
Parameter
Conditions
-12
-15
-20
Turbo
Off
Unit
MinMax
MinMax
MinMax
tLVLX
ALE or AS Pulse Width
26
26
30
ns
tAVLX
Address Setup Time
(Note 3)
910
12
ns
tLXAX
Address Hold Time
(Note 3)
912
14
ns
tAVQV
Address Valid to Data Valid
(Note 3)
120
150
200
+ 20
ns
tSLQV
CS Valid to Data Valid
120
150
200
ns
tRLQV
RD to Data Valid 8-Bit Bus
(Note 5)
35
35
40
ns
RD or PSEN to Data Valid 8-Bit Bus,
8031, 80251
(Note 2)
45
50
55
ns
tRHQX
RD Data Hold Time
(Note 1)
00
0
ns
tRLRH
RD Pulse Width
38
40
45
ns
tRHQZ
RD to Data High-Z
(Note 1)
38
40
45
ns
tEHEL
E Pulse Width
40
45
52
ns
tTHEH
R/W Setup Time to Enable
15
18
20
ns
tELTL
R/W Hold Time After Enable
0
0
0
ns
tAVPV
Address Input Valid to
Address Output Delay
(Note 4)
33
35
40
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com