Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSD813F2V Datasheet(PDF) 98 Page - STMicroelectronics

Part # PSD813F2V
Description  Flash In-System Programmable (ISP) Peripherals for8-bits MCUs, 3V
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD813F2V Datasheet(HTML) 98 Page - STMicroelectronics

Back Button PSD813F2V Datasheet HTML 94Page - STMicroelectronics PSD813F2V Datasheet HTML 95Page - STMicroelectronics PSD813F2V Datasheet HTML 96Page - STMicroelectronics PSD813F2V Datasheet HTML 97Page - STMicroelectronics PSD813F2V Datasheet HTML 98Page - STMicroelectronics PSD813F2V Datasheet HTML 99Page - STMicroelectronics PSD813F2V Datasheet HTML 100Page - STMicroelectronics PSD813F2V Datasheet HTML 101Page - STMicroelectronics PSD813F2V Datasheet HTML 102Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 110 page
background image
PSD813F2V, PSD833F2V, PSD853F2V, PSD854F2V
98/110
Figure 50. ISC Timing
Table 69. ISC Timing (5V devices)
Note: 1. For non-PLD Programming, Erase or in ISC by-pass mode.
2. For Program or Erase PLD only.
Symbol
Parameter
Conditions
-70
-90
-15
Unit
Min
Max
Min
Max
Min
Max
tISCCF
Clock (TCK, PC1) Frequency (except for
PLD)
(Note 1)
20
18
14
MHz
tISCCH
Clock (TCK, PC1) High Time (except for
PLD)
(Note 1)
23
26
31
ns
tISCCL
Clock (TCK, PC1) Low Time (except for
PLD)
(Note 1)
23
26
31
ns
tISCCFP
Clock (TCK, PC1) Frequency (PLD only)
(Note 2)
22
2
MHz
tISCCHP
Clock (TCK, PC1) High Time (PLD only)
(Note 2)
240
240
240
ns
tISCCLP
Clock (TCK, PC1) Low Time (PLD only)
(Note 2)
240
240
240
ns
tISCPSU
ISC Port Set Up Time
7
8
10
ns
tISCPH
ISC Port Hold Up Time
5
5
5
ns
tISCPCO
ISC Port Clock to Output
21
23
25
ns
tISCPZV
ISC Port High-Impedance to Valid Output
21
23
25
ns
tISCPVZ
ISC Port Valid Output to
High-Impedance
21
23
25
ns
ISCCH
TCK
TDI/TMS
ISC OUTPUTS/TDO
ISC OUTPUTS/TDO
t
ISCCL
t
ISCPH
t
ISCPSU
t
ISCPVZ
t
ISCPZV
t
ISCPCO
t
AI02865



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com