Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSD813F2V Datasheet(PDF) 56 Page - STMicroelectronics

Part # PSD813F2V
Description  Flash In-System Programmable (ISP) Peripherals for8-bits MCUs, 3V
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD813F2V Datasheet(HTML) 56 Page - STMicroelectronics

Back Button PSD813F2V Datasheet HTML 52Page - STMicroelectronics PSD813F2V Datasheet HTML 53Page - STMicroelectronics PSD813F2V Datasheet HTML 54Page - STMicroelectronics PSD813F2V Datasheet HTML 55Page - STMicroelectronics PSD813F2V Datasheet HTML 56Page - STMicroelectronics PSD813F2V Datasheet HTML 57Page - STMicroelectronics PSD813F2V Datasheet HTML 58Page - STMicroelectronics PSD813F2V Datasheet HTML 59Page - STMicroelectronics PSD813F2V Datasheet HTML 60Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 110 page
background image
PSD813F2V, PSD833F2V, PSD853F2V, PSD854F2V
56/110
JTAG In-System Programming (ISP)
Port C is JTAG compliant, and can be used for In-
System Programming (ISP). You can multiplex
JTAG operations with other functions on Port C
because In-System Programming (ISP) is not per-
formed in normal Operating mode. For more infor-
mation on the JTAG Port, see the section entitled
PROGRAMMING IN-CIRCUIT USING THE JTAG
SERIAL INTERFACE, page 69.
Port Configuration Registers (PCR)
Each Port has a set of Port Configuration Regis-
ters (PCR) used for configuration. The contents of
the registers can be accessed by the MCU through
normal READ/WRITE bus cycles at the addresses
given in Table 7., page 18. The addresses in Ta-
ble 7 are the offsets in hexadecimal from the base
of the CSIOP register.
The pins of a port are individually configurable and
each bit in the register controls its respective pin.
For example, Bit 0 in a register refers to Bit 0 of its
port. The three Port Configuration Registers
(PCR), shown in Table 22, are used for setting the
Port configurations. The default Power-up state for
each register in Table 22 is 00h.
Control Register
Any bit reset to '0' in the Control Register sets the
corresponding port pin to MCU I/O Mode, and a '1'
sets it to Address Out Mode. The default mode is
MCU I/O. Only Ports A and B have an associated
Control Register.
Direction Register
The Direction Register, in conjunction with the out-
put enable (except for Port D), controls the direc-
tion of data flow in the I/O Ports. Any bit set to '1'
in the Direction Register causes the correspond-
ing pin to be an output, and any bit set to '0' causes
it to be an input. The default mode for all port pins
is input.
Figure 28., page 58 and Figure 29., page 59 show
the Port Architecture diagrams for Ports A/B and
C, respectively. The direction of data flow for Ports
A, B, and C are controlled not only by the direction
register, but also by the output enable product
term from the PLD AND Array. If the output enable
product term is not active, the Direction Register
has sole control of a given pin’s direction.
An example of a configuration for a Port with the
three least significant bits set to output and the re-
mainder set to input is shown in Table 25. Since
Port D only contains three pins (shown in Figure
31., page 61), the Direction Register for Port D
has only the three least significant bits active.
Drive Select Register
The Drive Select Register configures the pin driver
as Open Drain or CMOS for some port pins, and
controls the slew rate for the other port pins. An
external pull-up resistor should be used for pins
configured as Open Drain.
A pin can be configured as Open Drain if its corre-
sponding bit in the Drive Select Register is set to a
’1.’ The default pin drive is CMOS.
Note that the slew rate is a measurement of the
rise and fall times of an output. A higher slew rate
means a faster output response and may create
more electrical noise. A pin operates in a high slew
rate when the corresponding bit in the Drive Reg-
ister is set to ’1.’ The default rate is slow slew.
Table 26., page 57 shows the Drive Register for
Ports A, B, C, and D. It summarizes which pins can
be configured as Open Drain outputs and which
pins the slew rate can be set for.
Table 22. Port Configuration Registers (PCR)
Note: 1. See Table 26., page 57 for Drive Register bit definition.
Table 23. Port Pin Direction Control, Output
Enable P.T. Not Defined
Table 24. Port Pin Direction Control, Output
Enable P.T. Defined
Table 25. Port Direction Assignment Example
Register Name
Port
MCU Access
Control
A,B
WRITE/READ
Direction
A,B,C,D
WRITE/READ
Drive Select1
A,B,C,D
WRITE/READ
Direction Register Bit
Port Pin Mode
0
Input
1
Output
Direction
Register Bit
Output Enable
P.T.
Port Pin Mode
0
0
Input
0
1
Output
1
0
Output
1
1
Output
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
0
0
0
0
0
1
1
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com