Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSD813F2V Datasheet(PDF) 30 Page - STMicroelectronics

Part # PSD813F2V
Description  Flash In-System Programmable (ISP) Peripherals for8-bits MCUs, 3V
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD813F2V Datasheet(HTML) 30 Page - STMicroelectronics

Back Button PSD813F2V Datasheet HTML 26Page - STMicroelectronics PSD813F2V Datasheet HTML 27Page - STMicroelectronics PSD813F2V Datasheet HTML 28Page - STMicroelectronics PSD813F2V Datasheet HTML 29Page - STMicroelectronics PSD813F2V Datasheet HTML 30Page - STMicroelectronics PSD813F2V Datasheet HTML 31Page - STMicroelectronics PSD813F2V Datasheet HTML 32Page - STMicroelectronics PSD813F2V Datasheet HTML 33Page - STMicroelectronics PSD813F2V Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 110 page
background image
PSD813F2V, PSD833F2V, PSD853F2V, PSD854F2V
30/110
SECTOR SELECT AND SRAM SELECT
Sector Select (FS0-FS7, CSBOOT0-CSBOOT3)
and SRAM Select (RS0) are all outputs of the
DPLD. They are setup by writing equations for
them in PSDabel. The following rules apply to the
equations for these signals:
1.
Primary Flash memory and secondary Flash
memory Sector Select signals must not be
larger than the physical sector size.
2.
Any primary Flash memory sector must not be
mapped in the same memory space as
another Flash memory sector.
3.
A secondary Flash memory sector must not be
mapped in the same memory space as
another secondary Flash memory sector.
4.
SRAM, I/O, and Peripheral I/O spaces must
not overlap.
5.
A secondary Flash memory sector may
overlap a primary Flash memory sector. In
case of overlap, priority is given to the
secondary Flash memory sector.
6.
SRAM, I/O, and Peripheral I/O spaces may
overlap any other memory sector. Priority is
given to the SRAM, I/O, or Peripheral I/O.
Example
FS0 is valid when the address is in the range of
8000h to BFFFh, CSBOOT0 is valid from 8000h to
9FFFh, and RS0 is valid from 8000h to 87FFh.
Any address in the range of RS0 always accesses
the SRAM. Any address in the range of CSBOOT0
greater than 87FFh (and less than 9FFFh) auto-
matically addresses secondary Flash memory
segment 0. Any address greater than 9FFFh ac-
cesses the primary Flash memory segment 0. You
can see that half of the primary Flash memory seg-
ment 0 and one-fourth of secondary Flash memory
segment 0 cannot be accessed in this example.
Also note that an equation that defined FS1 to any-
where in the range of 8000h to BFFFh would not
be valid.
Figure 9 shows the priority levels for all memory
components. Any component on a higher level can
overlap and has priority over any component on a
lower level. Components on the same level must
not overlap. Level one has the highest priority and
level 3 has the lowest.
Memory Select Configuration for MCUs with
Separate Program and Data Spaces
The 8031 and compatible family of MCUs, which
includes the
80C51, 80C151, 80C251, and
80C51XA, have separate address spaces for Pro-
gram memory (selected using Program Select En-
able (PSEN, CNTL2)) and Data memory (selected
using Read Strobe (RD, CNTL1)). Any of the
memories within the PSD can reside in either
space or both spaces.
This is controlled through manipulation of the VM
register that resides in the CSIOP space.
The VM register is set using PSDsoft Express to
have an initial value. It can subsequently be
changed by the MCU so that memory mapping
can be changed on-the-fly.
For example, you may wish to have SRAM and pri-
mary Flash memory in the Data space at Boot-up,
and secondary Flash memory in the Program
space at Boot-up, and later swap the primary and
secondary Flash memories. This is easily done
with the VM register by using PSDsoft Express
Configuration to configure it for Boot-up and hav-
ing the MCU change it when desired. Table
13., page 31 describes the VM Register.
Figure 9. Priority Level of Memory and I/O
Components
Configuration Modes for MCUs with Separate
Program and Data Spaces
Separate Space Modes. Program space is sep-
arated from Data space. For example, Program
Select Enable (PSEN, CNTL2) is used to access
the program code from the primary Flash memory,
while Read Strobe (RD, CNTL1) is used to access
data from the secondary Flash memory, SRAM
and I/O Port blocks. This configuration requires
the VM register to be set to 0Ch (see Figure
10., page 31).
Combined Space Modes. The
Program
and
Data spaces are combined into one memory
space that allows the primary Flash memory, sec-
ondary Flash memory, and SRAM to be accessed
by either Program Select Enable (PSEN, CNTL2)
or Read Strobe (RD, CNTL1). For example, to
configure the primary Flash memory in Combined
space, Bits b2 and b4 of the VM register are set to
'1' (see Figure 11., page 31).
Level 1
SRAM, I /O, or
Peripheral I /O
Level 2
Secondary
Non-Volatile Memory
Highest Priority
Lowest Priority
Level 3
Primary Flash Memory
AI02867D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com