Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSD813F2V Datasheet(PDF) 37 Page - STMicroelectronics

Part # PSD813F2V
Description  Flash In-System Programmable (ISP) Peripherals for8-bits MCUs, 3V
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD813F2V Datasheet(HTML) 37 Page - STMicroelectronics

Back Button PSD813F2V Datasheet HTML 33Page - STMicroelectronics PSD813F2V Datasheet HTML 34Page - STMicroelectronics PSD813F2V Datasheet HTML 35Page - STMicroelectronics PSD813F2V Datasheet HTML 36Page - STMicroelectronics PSD813F2V Datasheet HTML 37Page - STMicroelectronics PSD813F2V Datasheet HTML 38Page - STMicroelectronics PSD813F2V Datasheet HTML 39Page - STMicroelectronics PSD813F2V Datasheet HTML 40Page - STMicroelectronics PSD813F2V Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 110 page
background image
37/110
PSD813F2V, PSD833F2V, PSD853F2V, PSD854F2V
Output Macrocell (OMC)
Eight of the Output Macrocells (OMC) are con-
nected to Ports A and B pins and are named as
McellAB0-McellAB7. The other eight macrocells
are connected to Ports B and C pins and are
named as McellBC0-McellBC7. If an McellAB out-
put is not assigned to a specific pin in PSDabel,
the Macrocell Allocator block assigns it to either
Port A or B. The same is true for a McellBC output
on Port B or C. Table 15 shows the macrocells and
port assignment.
The Output Macrocell (OMC) architecture is
shown in Figure 16., page 39. As shown in the fig-
ure, there are native product terms available from
the AND Array, and borrowed product terms avail-
able (if unused) from other Output Macrocells
(OMC). The polarity of the product term is con-
trolled by the XOR gate. The Output Macrocell
(OMC) can implement either sequential logic, us-
ing the flip-flop element, or combinatorial logic.
The multiplexer selects between the sequential or
combinatorial logic outputs. The multiplexer output
can drive a port pin and has a feedback path to the
AND Array inputs.
The flip-flop in the Output Macrocell (OMC) block
can be configured as a D, T, JK, or SR type in the
PSDabel program. The flip-flop’s clock, preset,
and clear inputs may be driven from a product
term of the AND Array. Alternatively, CLKIN (PD1)
can be used for the clock input to the flip-flop. The
flip-flop is clocked on the rising edge of CLKIN
(PD1). The preset and clear are active High inputs.
Each clear input can use up to two product terms.
Table 15. Output Macrocell Port and Data Bit Assignments
Output
Macrocell
Port
Assignment
Native Product Terms
Maximum Borrowed
Product Terms
Data Bit for Loading or
Reading
McellAB0
Port A0, B0
3
6
D0
McellAB1
Port A1, B1
3
6
D1
McellAB2
Port A2, B2
3
6
D2
McellAB3
Port A3, B3
3
6
D3
McellAB4
Port A4, B4
3
6
D4
McellAB5
Port A5, B5
3
6
D5
McellAB6
Port A6, B6
3
6
D6
McellAB7
Port A7, B7
3
6
D7
McellBC0
Port B0, C0
4
5
D0
McellBC1
Port B1, C1
4
5
D1
McellBC2
Port B2, C2
4
5
D2
McellBC3
Port B3, C3
4
5
D3
McellBC4
Port B4, C4
4
6
D4
McellBC5
Port B5, C5
4
6
D5
McellBC6
Port B6, C6
4
6
D6
McellBC7
Port B7, C7
4
6
D7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com