Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSD813F2V Datasheet(PDF) 65 Page - STMicroelectronics

Part # PSD813F2V
Description  Flash In-System Programmable (ISP) Peripherals for8-bits MCUs, 3V
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD813F2V Datasheet(HTML) 65 Page - STMicroelectronics

Back Button PSD813F2V Datasheet HTML 61Page - STMicroelectronics PSD813F2V Datasheet HTML 62Page - STMicroelectronics PSD813F2V Datasheet HTML 63Page - STMicroelectronics PSD813F2V Datasheet HTML 64Page - STMicroelectronics PSD813F2V Datasheet HTML 65Page - STMicroelectronics PSD813F2V Datasheet HTML 66Page - STMicroelectronics PSD813F2V Datasheet HTML 67Page - STMicroelectronics PSD813F2V Datasheet HTML 68Page - STMicroelectronics PSD813F2V Datasheet HTML 69Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 110 page
background image
65/110
PSD813F2V, PSD833F2V, PSD853F2V, PSD854F2V
Table 30. Power Management Mode Registers PMMR0 (Note 1)
Note: 1. The bits of this register are cleared to zero following Power-up. Subsequent Reset (RESET) pulses do not clear the registers.
Table 31. Power Management Mode Registers PMMR2 (Note 1)
Note: 1. The bits of this register are cleared to zero following Power-up. Subsequent Reset (RESET) pulses do not clear the registers.
Bit 0
X
0
Not used, and should be set to zero.
Bit 1
APD Enable
0 = off Automatic Power-down (APD) is disabled.
1 = on Automatic Power-down (APD) is enabled.
Bit 2
X
0
Not used, and should be set to zero.
Bit 3
PLD Turbo
0 = on PLD Turbo mode is on
1 = off PLD Turbo mode is off, saving power.
Bit 4
PLD Array clk
0 = on
CLKIN (PD1) input to the PLD AND Array is connected. Every change of CLKIN
(PD1) Powers-up the PLD when Turbo Bit is ’0.’
1 = off CLKIN (PD1) input to PLD AND Array is disconnected, saving power.
Bit 5
PLD MCell clk
0 = on CLKIN (PD1) input to the PLD macrocells is connected.
1 = off CLKIN (PD1) input to PLD macrocells is disconnected, saving power.
Bit 6
X
0
Not used, and should be set to zero.
Bit 7
X
0
Not used, and should be set to zero.
Bit 0
X
0
Not used, and should be set to zero.
Bit 1
X
0
Not used, and should be set to zero.
Bit 2
PLD Array
CNTL0
0 = on Cntl0 input to the PLD AND Array is connected.
1 = off Cntl0 input to PLD AND Array is disconnected, saving power.
Bit 3
PLD Array
CNTL1
0 = on Cntl1 input to the PLD AND Array is connected.
1 = off Cntl1 input to PLD AND Array is disconnected, saving power.
Bit 4
PLD Array
CNTL2
0 = on Cntl2 input to the PLD AND Array is connected.
1 = off Cntl2 input to PLD AND Array is disconnected, saving power.
Bit 5
PLD Array
ALE
0 = on ALE input to the PLD AND Array is connected.
1 = off ALE input to PLD AND Array is disconnected, saving power.
Bit 6
PLD Array
DBE
0 = on DBE input to the PLD AND Array is connected.
1 = off DBE input to PLD AND Array is disconnected, saving power.
Bit 7
X
0
Not used, and should be set to zero.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com