Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSD813F2V Datasheet(PDF) 79 Page - STMicroelectronics

Part # PSD813F2V
Description  Flash In-System Programmable (ISP) Peripherals for8-bits MCUs, 3V
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD813F2V Datasheet(HTML) 79 Page - STMicroelectronics

Back Button PSD813F2V Datasheet HTML 75Page - STMicroelectronics PSD813F2V Datasheet HTML 76Page - STMicroelectronics PSD813F2V Datasheet HTML 77Page - STMicroelectronics PSD813F2V Datasheet HTML 78Page - STMicroelectronics PSD813F2V Datasheet HTML 79Page - STMicroelectronics PSD813F2V Datasheet HTML 80Page - STMicroelectronics PSD813F2V Datasheet HTML 81Page - STMicroelectronics PSD813F2V Datasheet HTML 82Page - STMicroelectronics PSD813F2V Datasheet HTML 83Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 110 page
background image
79/110
PSD813F2V, PSD833F2V, PSD853F2V, PSD854F2V
Table 46. DC Characteristics (3V devices)
Note: 1. Reset (RESET) has hysteresis. VIL1 is valid at or below 0.2VCC –0.1. VIH1 is valid at or above 0.8VCC.
2. CSI deselected or internal PD is active.
3. PLD is in non-Turbo mode, and none of the inputs are switching.
4. Please see Figure 36., page 72 for the PLD current calculation.
5. IOUT = 0mA
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
VIH
High Level Input Voltage
3.0 V < VCC < 3.6 V
0.7VCC
VCC +0.5
V
VIL
Low Level Input Voltage
3.0 V < VCC < 3.6 V
–0.5
0.8
V
VIH1
Reset High Level Input Voltage
(Note 1)
0.8VCC
VCC +0.5
V
VIL1
Reset Low Level Input Voltage
(Note 1)
–0.5
0.2VCC –0.1
V
VHYS
Reset Pin Hysteresis
0.3
V
VLKO
VCC (min) for Flash Erase and
Program
1.5
2.2
V
VOL
Output Low Voltage
IOL = 20µA, VCC = 3.0 V
0.01
0.1
V
IOL = 4mA, VCC = 3.0 V
0.15
0.45
V
VOH
Output High Voltage Except
VSTBY On
IOH = –20µA, VCC = 3.0 V
2.9
2.99
V
IOH = –1mA, VCC = 3.0 V
2.7
2.8
V
VOH1
Output High Voltage VSTBY On
IOH1 = 1µA
VSTBY – 0.8
V
VSTBY
SRAM Stand-by Voltage
2.0
VCC
V
ISTBY
SRAM Stand-by Current
VCC = 0V
0.5
1
µA
IIDLE
Idle Current (VSTBY input)
VCC > VSTBY
–0.1
0.1
µA
VDF
SRAM Data Retention Voltage
Only on VSTBY
2V
ISB
Stand-by Supply Current
for Power-down Mode
CSI >VCC –0.3 V (Notes
2,3)
25
100
µA
ILI
Input Leakage Current
VSS < VIN < VCC
–1
±0.1
1
µA
ILO
Output Leakage Current
0.45 < VIN < VCC
–10
±5
10
µA
ICC (DC)
(Note 5)
Operating
Supply
Current
PLD Only
PLD_TURBO = Off,
f = 0 MHz (Note 3)
0
µA/PT
PLD_TURBO = On,
f = 0 MHz
200
400
µA/PT
Flash memory
During Flash memory
WRITE/Erase Only
10
25
mA
Read only, f = 0 MHz
0
0
mA
SRAM
f = 0 MHz
0
0
mA
ICC (AC)
(Note 5)
PLD AC Adder
note 4
Flash memory AC Adder
1.5
2.0
mA/
MHz
SRAM AC Adder
0.8
1.5
mA/
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com