Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSD813F2V Datasheet(PDF) 28 Page - STMicroelectronics

Part # PSD813F2V
Description  Flash In-System Programmable (ISP) Peripherals for8-bits MCUs, 3V
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD813F2V Datasheet(HTML) 28 Page - STMicroelectronics

Back Button PSD813F2V Datasheet HTML 24Page - STMicroelectronics PSD813F2V Datasheet HTML 25Page - STMicroelectronics PSD813F2V Datasheet HTML 26Page - STMicroelectronics PSD813F2V Datasheet HTML 27Page - STMicroelectronics PSD813F2V Datasheet HTML 28Page - STMicroelectronics PSD813F2V Datasheet HTML 29Page - STMicroelectronics PSD813F2V Datasheet HTML 30Page - STMicroelectronics PSD813F2V Datasheet HTML 31Page - STMicroelectronics PSD813F2V Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 110 page
background image
PSD813F2V, PSD833F2V, PSD853F2V, PSD854F2V
28/110
SPECIFIC FEATURES
Flash Memory Sector Protect
Each primary and secondary Flash memory sector
can be separately protected against Program and
Erase cycles. Sector Protection provides addition-
al data security because it disables all Program or
Erase cycles. This mode can be activated through
the JTAG Port or a Device Programmer.
Sector protection can be selected for each sector
using the PSDsoft Express Configuration pro-
gram. This automatically protects selected sectors
when the device is programmed through the JTAG
Port or a Device Programmer. Flash memory sec-
tors can be unprotected to allow updating of their
contents using the JTAG Port or a Device Pro-
grammer. The MCU can read (but cannot change)
the sector protection bits.
Any attempt to program or erase a protected Flash
memory sector is ignored by the device. The Verify
operation results in a READ of the protected data.
This allows a guarantee of the retention of the Pro-
tection status.
The sector protection status can be read by the
MCU through the Flash memory protection and
PSD/EE protection registers (in the CSIOP block).
See Tables 11 and 12.
Reset Flash
The Reset Flash instruction consists of one
WRITE cycle (see Table 9., page 21). It can also
be optionally preceded by the standard two
WRITE decoding cycles (writing AAh to 555h and
55h to AAAh). It must be executed after:
–
Reading the Flash Protection Status or Flash
ID
–
An Error condition has occurred (and the
device has set the Error Flag Bit (DQ5) to '1')
during a Flash memory Program or Erase
cycle.
On the PSD813F2/3/4/5, the Reset Flash instruc-
tion puts the Flash memory back into normal
READ Mode. It may take the Flash memory up to
a few milliseconds to complete the Reset cycle.
The Reset Flash instruction is ignored when it is is-
sued during a Program or Bulk Erase cycle of the
Flash memory. The Reset Flash instruction aborts
any on-going Sector Erase cycle, and returns the
Flash memory to the normal READ Mode within a
few milliseconds.
On the PSD83xF2 or PSD85xF2, the Reset Flash
instruction puts the Flash memory back into nor-
mal READ Mode. If an Error condition has oc-
curred (and the device has set the Error Flag Bit
(DQ5) to '1') the Flash memory is put back into nor-
mal READ Mode within 25
µs of the Reset Flash in-
struction having been issued. The Reset Flash
instruction is ignored when it is issued during a
Program or Bulk Erase cycle of the Flash memory.
The Reset Flash instruction aborts any on-going
Sector Erase cycle, and returns the Flash memory
to the normal READ Mode within 25
µs.
Reset (RESET) Signal (on the PSD83xF2 and
PSD85xF2)
A pulse on Reset (RESET) aborts any cycle that is
in progress, and resets the Flash memory to the
READ Mode. When the reset occurs during a Pro-
gram or Erase cycle, the Flash memory takes up
to 25
µs to return to the READ Mode. It is recom-
mended that the Reset (RESET) pulse (except for
Power On Reset, as described on RESET TIMING
AND DEVICE STATUS AT RESET, page 67) be
at least 25
µs so that the Flash memory is always
ready for the MCU to fetch the bootstrap instruc-
tions after the Reset cycle is complete.
Table 11. Sector Protection/Security Bit Definition – Flash Protection Register
Note: 1. Bit Definitions:
Sec<i>_Prot 1 = Primary Flash memory or secondary Flash memory Sector <i> is write protected.
Sec<i>_Prot 0 = Primary Flash memory or secondary Flash memory Sector <i> is not write protected.
Table 12. Sector Protection/Security Bit Definition – PSD/EE Protection Register
Note: 1. Bit Definitions:
Sec<i>_Prot 1 = Secondary Flash memory Sector <i> is write protected.
Sec<i>_Prot 0 = Secondary Flash memory Sector <i> is not write protected.
Security_Bit 0 = Security Bit in device has not been set.
1 = Security Bit in device has been set.
Bit 7Bit 6Bit 5Bit 4Bit 3Bit 2Bit 1
Bit 0
Sec7_Prot
Sec6_Prot
Sec5_Prot
Sec4_Prot
Sec3_Prot
Sec2_Prot
Sec1_Prot
Sec0_Prot
Bit 7Bit 6Bit 5Bit 4Bit 3Bit 2Bit 1
Bit 0
Security_Bit
not used
not used
not used
Sec3_Prot
Sec2_Prot
Sec1_Prot
Sec0_Prot



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com