Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSD813F2V Datasheet(PDF) 40 Page - STMicroelectronics

Part # PSD813F2V
Description  Flash In-System Programmable (ISP) Peripherals for8-bits MCUs, 3V
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD813F2V Datasheet(HTML) 40 Page - STMicroelectronics

Back Button PSD813F2V Datasheet HTML 36Page - STMicroelectronics PSD813F2V Datasheet HTML 37Page - STMicroelectronics PSD813F2V Datasheet HTML 38Page - STMicroelectronics PSD813F2V Datasheet HTML 39Page - STMicroelectronics PSD813F2V Datasheet HTML 40Page - STMicroelectronics PSD813F2V Datasheet HTML 41Page - STMicroelectronics PSD813F2V Datasheet HTML 42Page - STMicroelectronics PSD813F2V Datasheet HTML 43Page - STMicroelectronics PSD813F2V Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 110 page
background image
PSD813F2V, PSD833F2V, PSD853F2V, PSD854F2V
40/110
Input Macrocells (IMC)
The CPLD has 24 Input Macrocells (IMC), one for
each pin on Ports A, B, and C. The architecture of
the Input Macrocells (IMC) is shown in Figure
17., page 41. The Input Macrocells (IMC) are indi-
vidually configurable, and can be used as a latch,
register, or to pass incoming Port signals prior to
driving them onto the PLD input bus. The outputs
of the Input Macrocells (IMC) can be read by the
MCU through the internal data bus.
The enable for the latch and clock for the register
are driven by a multiplexer whose inputs are a
product term from the CPLD AND Array or the
MCU Address Strobe (ALE/AS). Each product
term output is used to latch or clock four Input
Macrocells (IMC). Port inputs 3-0 can be con-
trolled by one product term and 7-4 by another.
Configurations for the Input Macrocells (IMC) are
specified by equations written in PSDabel (see Ap-
plication Note AN1171). Outputs of the Input Mac-
rocells (IMC) can be read by the MCU via the IMC
buffer.
See
the
section
entitled
I/O
PORTS, page 51.
Input Macrocells (IMC) can use Address Strobe
(ALE/AS, PD0) to latch address bits higher than
A15. Any latched addresses are routed to the
PLDs as inputs.
Input Macrocells (IMC) are particularly useful with
handshaking communication applications where
two processors pass data back and forth through
a common mailbox. Figure 18., page 42 shows a
typical configuration where the Master MCU writes
to the Port A Data Out Register. This, in turn, can
be read by the Slave MCU via the activation of the
“Slave-Read” output enable product term.
The Slave can also write to the Port A Input Mac-
rocells (IMC) and the Master can then read the In-
put Macrocells (IMC) directly.
Note that the “Slave-Read” and “Slave-Wr” signals
are product terms that are derived from the Slave
MCU inputs Read Strobe (RD, CNTL1), Write
Strobe (WR, CNTL0), and Slave_CS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com