Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSD813F2V Datasheet(PDF) 15 Page - STMicroelectronics

Part # PSD813F2V
Description  Flash In-System Programmable (ISP) Peripherals for8-bits MCUs, 3V
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD813F2V Datasheet(HTML) 15 Page - STMicroelectronics

Back Button PSD813F2V Datasheet HTML 11Page - STMicroelectronics PSD813F2V Datasheet HTML 12Page - STMicroelectronics PSD813F2V Datasheet HTML 13Page - STMicroelectronics PSD813F2V Datasheet HTML 14Page - STMicroelectronics PSD813F2V Datasheet HTML 15Page - STMicroelectronics PSD813F2V Datasheet HTML 16Page - STMicroelectronics PSD813F2V Datasheet HTML 17Page - STMicroelectronics PSD813F2V Datasheet HTML 18Page - STMicroelectronics PSD813F2V Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 110 page
background image
15/110
PSD813F2V, PSD833F2V, PSD853F2V, PSD854F2V
PSD ARCHITECTURAL OVERVIEW
PSD devices contain several major functional
blocks. Figure 5 shows the architecture of the PSD
device family. The functions of each block are de-
scribed briefly in the following sections. Many of
the blocks perform multiple functions and are user
configurable.
Memory
Each of the memory blocks is briefly discussed in
the following paragraphs. A more detailed discus-
sion can be found in the section entitled Memory
Blocks, page 19.
The 1 Mbit or 2 Mbit (128K x 8, or 256K x 8) Flash
memory is the primary memory of the PSD. It is di-
vided into 8 equally-sized sectors that are individ-
ually selectable.
The optional 256 Kbit (32K x 8) secondary Flash
memory is divided into 4 equally-sized sectors.
Each sector is individually selectable.
The optional SRAM is intended for use as a
scratch-pad memory or as an extension to the
MCU SRAM. If an external battery is connected to
Voltage Stand-by (VSTBY, PC2), data is retained in
the event of power failure.
Each sector of memory can be located in a differ-
ent address space as defined by the user. The ac-
cess times for all memory types includes the
address latching and DPLD decoding time.
Page Register
The 8-bit Page Register expands the address
range of the MCU by up to 256 times. The paged
address can be used as part of the address space
to access external memory and peripherals, or in-
ternal memory and I/O. The Page Register can
also be used to change the address mapping of
sectors of the Flash memories into different mem-
ory spaces for IAP.
PLDs
The device contains two PLDs, the Decode PLD
(DPLD) and the Complex PLD (CPLD), as shown
in Table 3, each optimized for a different function.
The functional partitioning of the PLDs reduces
power consumption, optimizes cost/performance,
and eases design entry.
The DPLD is used to decode addresses and to
generate Sector Select signals for the PSD inter-
nal memory and registers. The DPLD has combi-
natorial outputs. The CPLD has 16 Output
Macrocells (OMC) and 3 combinatorial outputs.
The PSD also has 24 Input Macrocells (IMC) that
can be configured as inputs to the PLDs. The
PLDs receive their inputs from the PLD Input Bus
and are differentiated by their output destinations,
number of product terms, and macrocells.
The PLDs consume minimal power. The speed
and power consumption of the PLD is controlled
by the Turbo Bit in PMMR0 and other bits in the
PMMR2. These registers are set by the MCU at
run-time. There is a slight penalty to PLD propaga-
tion time when invoking the power management
features.
I/O Ports
The PSD has 27 individually configurable I/O pins
distributed over the four ports (Port A, B, C, and
D). Each I/O pin can be individually configured for
different functions. Ports can be configured as
standard MCU I/O ports, PLD I/O, or latched ad-
dress outputs for MCUs using multiplexed ad-
dress/data buses.
The JTAG pins can be enabled on Port C for In-
System Programming (ISP).
Ports A and B can also be configured as a data
port for a non-multiplexed bus.
MCU Bus Interface
PSD interfaces easily with most 8-bit MCUs that
have either multiplexed or non-multiplexed ad-
dress/data buses. The device is configured to re-
spond to the MCU’s control signals, which are also
used as inputs to the PLDs. For examples, please
see the section entitled MCU Bus Interface
Examples, page 45.
Table 3. PLD I/O
Name
Inputs
Outputs
Product
Terms
Decode PLD (DPLD)
73
17
42
Complex PLD (CPLD)
73
19
140



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com