Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSD813F2V Datasheet(PDF) 45 Page - STMicroelectronics

Part # PSD813F2V
Description  Flash In-System Programmable (ISP) Peripherals for8-bits MCUs, 3V
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD813F2V Datasheet(HTML) 45 Page - STMicroelectronics

Back Button PSD813F2V Datasheet HTML 41Page - STMicroelectronics PSD813F2V Datasheet HTML 42Page - STMicroelectronics PSD813F2V Datasheet HTML 43Page - STMicroelectronics PSD813F2V Datasheet HTML 44Page - STMicroelectronics PSD813F2V Datasheet HTML 45Page - STMicroelectronics PSD813F2V Datasheet HTML 46Page - STMicroelectronics PSD813F2V Datasheet HTML 47Page - STMicroelectronics PSD813F2V Datasheet HTML 48Page - STMicroelectronics PSD813F2V Datasheet HTML 49Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 110 page
background image
45/110
PSD813F2V, PSD833F2V, PSD853F2V, PSD854F2V
PSD Interface to a Non-Multiplexed 8-Bit Bus
Figure 20 shows an example of a system using a
MCU with an 8-bit non-multiplexed bus and a
PSD. The address bus is connected to the ADIO
Port, and the data bus is connected to Port A. Port
A is in tri-state mode when the PSD is not access-
ed by the MCU. Should the system address bus
exceed sixteen bits, Ports B, C, or D may be used
for additional address inputs.
Data Byte Enable Reference
MCUs have different data byte orientations. Table
17 shows how the PSD interprets byte/word oper-
ations in different bus WRITE configurations.
Even-byte refers to locations with address A0
equal to '0' and odd byte as locations with A0 equal
to ’1.’
MCU Bus Interface Examples
Figure 21 through 25 show examples of the basic
connections between the PSD and some popular
MCUs. The PSD Control input pins are labeled as
to the MCU function for which they are configured.
The MCU bus interface is specified using the PS-
Dsoft Express Configuration.
Table 17. Eight-Bit Data Bus
Figure 20. An Example of a Typical 8-bit Non-Multiplexed Bus Interface
BHE
A0
D7-D0
X
0
Even Byte
X
1
Odd Byte
MCU
WR
RD
BHE
ALE
RESET
D [ 7:0]
A[ 15:0]
A[ 23:16]
D [ 7:0]
ADIO
PORT
PORT
A
PORT
B
PORT
C
WR (CNTRL0)
RD (CNTRL1)
BHE (CNTRL2)
RST
ALE (PD0)
PORT D
(OPTIONAL)
PSD
AI02879C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com