Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSD813F2V Datasheet(PDF) 29 Page - STMicroelectronics

Part # PSD813F2V
Description  Flash In-System Programmable (ISP) Peripherals for8-bits MCUs, 3V
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD813F2V Datasheet(HTML) 29 Page - STMicroelectronics

Back Button PSD813F2V Datasheet HTML 25Page - STMicroelectronics PSD813F2V Datasheet HTML 26Page - STMicroelectronics PSD813F2V Datasheet HTML 27Page - STMicroelectronics PSD813F2V Datasheet HTML 28Page - STMicroelectronics PSD813F2V Datasheet HTML 29Page - STMicroelectronics PSD813F2V Datasheet HTML 30Page - STMicroelectronics PSD813F2V Datasheet HTML 31Page - STMicroelectronics PSD813F2V Datasheet HTML 32Page - STMicroelectronics PSD813F2V Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 110 page
background image
29/110
PSD813F2V, PSD833F2V, PSD853F2V, PSD854F2V
SRAM
The SRAM is enabled when SRAM Select (RS0)
from the DPLD is High. SRAM Select (RS0) can
contain up to two product terms, allowing flexible
memory mapping.
The SRAM can be backed up using an external
battery. The external battery should be connected
to Voltage Stand-by (VSTBY, PC2). If you have an
external battery connected to the PSD, the con-
tents of the SRAM are retained in the event of a
power loss. The contents of the SRAM are re-
tained so long as the battery voltage remains at
2 V or greater. If the supply voltage falls below the
battery voltage, an internal power switch-over to
the battery occurs.
PC4 can be configured as an output that indicates
when power is being drawn from the external bat-
tery. Battery-on Indicator (VBATON, PC4) is High
with the supply voltage falls below the battery volt-
age and the battery on Voltage Stand-by (VSTBY,
PC2) is supplying power to the internal SRAM.
SRAM Select (RS0), Voltage Stand-by (VSTBY,
PC2) and Battery-on Indicator (VBATON, PC4)
are all configured using PSDsoft Express Configu-
ration.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com