Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC47M14X Datasheet(PDF) 100 Page - SMSC Corporation

Part # LPC47M14X
Description  128 PIN ENGANCED SUPER I/O CONTROLLER WITH AN LPC INTERFACE AND USB HUB
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LPC47M14X Datasheet(HTML) 100 Page - SMSC Corporation

Back Button LPC47M14X Datasheet HTML 96Page - SMSC Corporation LPC47M14X Datasheet HTML 97Page - SMSC Corporation LPC47M14X Datasheet HTML 98Page - SMSC Corporation LPC47M14X Datasheet HTML 99Page - SMSC Corporation LPC47M14X Datasheet HTML 100Page - SMSC Corporation LPC47M14X Datasheet HTML 101Page - SMSC Corporation LPC47M14X Datasheet HTML 102Page - SMSC Corporation LPC47M14X Datasheet HTML 103Page - SMSC Corporation LPC47M14X Datasheet HTML 104Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 205 page
background image
SMSC DS – LPC47M14X
Page 100
Rev. 03/19/2001
The SER_IRQ data frame will now support IRQ2 from a logical device, previously SER_IRQ Period 3 was reserved
for use by the System Management Interrupt (nSMI). When using Period 3 for IRQ2 the user should mask off the
SMI via the SMI Enable Register. Likewise, when using Period 3 for nSMI the user should not configure any logical
devices as using IRQ2.
SER_IRQ Period 14 is used to transfer IRQ13. Logical devices 0 (FDC), 3 (Par Port), 4 (Ser Port 1), 5 (Ser Port 2),
and 7 (KBD) shall have IRQ13 as a choice for their primary interrupt.
The SMI is enabled onto the SMI frame of the Serial IRQ via bit 6 of SMI Enable Register 2 and onto the SMI pin via
bit 7 of the SMI Enable Register 2.
Stop Cycle Control
Once all IRQ/Data Frames have completed the Host Controller will terminate SER_IRQ activity by initiating a Stop
Frame. Only the Host Controller can initiate the Stop Frame. A Stop Frame is indicated when the SER_IRQ is low
for two or three clocks. If the Stop Frame’s low time is two clocks then the next SER_IRQ Cycle’s sampled mode is
the Quiet mode; and any SER_IRQ device may initiate a Start Frame in the second clock or more after the rising
edge of the Stop Frame’s pulse. If the Stop Frame’s low time is three clocks then the next SER_IRQ Cycle’s sampled
mode is the Continuos mode; and only the Host Controller may initiate a Start Frame in the second clock or more
after the rising edge of the Stop Frame’s pulse.
Latency
Latency for IRQ/Data updates over the SER_IRQ bus in bridge-less systems with the minimum Host supported
IRQ/Data Frames of seventeen, will range up to 96 clocks (3.84
µS with a 25MHz PCI Bus or 2.88uS with a 33MHz
PCI Bus). If one or more PCI to PCI Bridge is added to a system, the latency for IRQ/Data updates from the
secondary or tertiary buses will be a few clocks longer for synchronous buses, and approximately double for
asynchronous buses.
EOI/ISR Read Latency
Any serialized IRQ scheme has a potential implementation issue related to IRQ latency. IRQ latency could cause an
EOI or ISR Read to precede an IRQ transition that it should have followed. This could cause a system fault. The host
interrupt controller is responsible for ensuring that these latency issues are mitigated. The recommended solution is
to delay EOIs and ISR Reads to the interrupt controller by the same amount as the SER_IRQ Cycle latency in order
to ensure that these events do not occur out of order.
AC/DC Specification Issue
All SER_IRQ agents must drive / sample SER_IRQ synchronously related to the rising edge of PCI bus clock. The
SER_IRQ pin uses the electrical specification of PCI bus. Electrical parameters will follow PCI spec. section 4,
sustained tri-state.
Reset and Initialization
The SER_IRQ bus uses nPCI_RESET as its reset signal. The SER_IRQ pin is tri-stated by all agents while
nPCI_RESET is active. With reset, SER_IRQ Slaves are put into the (continuous) IDLE mode. The Host Controller is
responsible for starting the initial SER_IRQ Cycle to collect system’s IRQ/Data default values. The system then
follows with the Continuous/Quiet mode protocol (Stop Frame pulse width) for subsequent SER_IRQ Cycles. It is
Host Controller’s responsibility to provide the default values to 8259’s and other system logic before the first
SER_IRQ Cycle is performed. For SER_IRQ system suspend, insertion, or removal application, the Host controller
should be programmed into Continuous (IDLE) mode first. This is to guarantee SER_IRQ bus is in IDLE state before
the system configuration changes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com