Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC47M14X Datasheet(PDF) 77 Page - SMSC Corporation

Part # LPC47M14X
Description  128 PIN ENGANCED SUPER I/O CONTROLLER WITH AN LPC INTERFACE AND USB HUB
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LPC47M14X Datasheet(HTML) 77 Page - SMSC Corporation

Back Button LPC47M14X Datasheet HTML 73Page - SMSC Corporation LPC47M14X Datasheet HTML 74Page - SMSC Corporation LPC47M14X Datasheet HTML 75Page - SMSC Corporation LPC47M14X Datasheet HTML 76Page - SMSC Corporation LPC47M14X Datasheet HTML 77Page - SMSC Corporation LPC47M14X Datasheet HTML 78Page - SMSC Corporation LPC47M14X Datasheet HTML 79Page - SMSC Corporation LPC47M14X Datasheet HTML 80Page - SMSC Corporation LPC47M14X Datasheet HTML 81Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 205 page
background image
SMSC DS – LPC47M14X
Page 77
Rev. 03/19/2001
command acknowledge will appear first, before any unread FIFO data. In the examples above, the receive FIFO is
cleared before the command acknowledge byte is placed in the MIDI Data port read buffer.
6.8.6
MIDI UART
Overview
The UART is used to transmit and receive MIDI protocol data from the MIDI Data port in the Host Interface (see
Section “Host Interface”).
The MIDI protocol requires 31.25k Baud (
±1%) and 10 bits total per frame: 1 start bit, 8 data bits, no parity, and 1
stop bit. For example, there are 320 microseconds per serial MIDI data byte. MIDI data is transferred LSB first
(Figure 7).
The UART is configured in full-duplex mode for the MPU-401 MIDI Interface, with 16-byte send/receive FIFOs.
MIDI RX CLOCK
1
MIDI RX DATA BYTE (01H)
MIDI_IN
FIGURE 5 - MIDI DATA BYTE EXAMPLE
Note
1: MIDI RX CLOCK is the MIDI bit clock. The MIDI bit clock period is 32µs.
6.8.7
MPU-401 Configuration Registers
The LPC47M14x configuration registers are in Logical Device B (see “Configuration” section). The configuration
registers contain the MPU-401 Activate, Base Address and Interrupt select. The defaults for the Base Address and
Interrupt Select configuration registers match the MPU-401 factory defaults.
Activate and I/O Base Address
When the Activate bit D0 is ‘0’, the MPU-401 I/O base address decoder is disabled, the IRQ is always deasserted,
and the MPU-401 hardware is in a minimum power-consumption state. When the Activate bit is ‘1’, the MPU-401 I/O
base address decoder and the IRQ are enabled, and the MPU-401 hardware is fully powered.
Register 0x60 is the MPU-401 I/O Base Address High Byte, register 0x61 is the MPU-401 I/O Base Address Low
Byte. The MPU-401 I/O base address is programmable on even-byte boundaries. The valid MPU-401 I/O base
address range is 0x0100 – 0x0FFE. See Section “Host Interface”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com