Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC47M14X Datasheet(PDF) 21 Page - SMSC Corporation

Part # LPC47M14X
Description  128 PIN ENGANCED SUPER I/O CONTROLLER WITH AN LPC INTERFACE AND USB HUB
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LPC47M14X Datasheet(HTML) 21 Page - SMSC Corporation

Back Button LPC47M14X Datasheet HTML 17Page - SMSC Corporation LPC47M14X Datasheet HTML 18Page - SMSC Corporation LPC47M14X Datasheet HTML 19Page - SMSC Corporation LPC47M14X Datasheet HTML 20Page - SMSC Corporation LPC47M14X Datasheet HTML 21Page - SMSC Corporation LPC47M14X Datasheet HTML 22Page - SMSC Corporation LPC47M14X Datasheet HTML 23Page - SMSC Corporation LPC47M14X Datasheet HTML 24Page - SMSC Corporation LPC47M14X Datasheet HTML 25Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 205 page
background image
SMSC DS – LPC47M14X
Page 21
Rev. 03/19/2001
6.3
LPC INTERFACE
The following sub-sections specify the implementation of the LPC bus.
6.3.1
LPC Interface Signal Definition
The signals required for the LPC bus interface are described in the table below. LPC bus signals use PCI 33MHz
electrical signal characteristics.
SIGNAL
NAME
TYPE
DESCRIPTION
LAD[3:0]
I/O
LPC address/data bus. Multiplexed command, address and data bus.
LFRAME#
Input
Frame signal. Indicates start of new cycle and termination of broken cycle
PCI_RESET#
Input
PCI Reset. Used as LPC Interface Reset.
LDRQ#
Output
Encoded DMA/Bus Master request for the LPC interface.
nIO_PME
OD
Power Mgt Event signal. Allows the LPC47M14x to request wakeup.
LPCPD#
Input
Powerdown Signal. Indicates that the LPC47M14x should prepare for power to be shut
on the LPC interface.
SER_IRQ
I/O
Serial IRQ.
PCI_CLK
Input
PCI Clock.
Note: The CLKRUN# signal is not implemented in this part.
6.3.2
LPC Cycles
The following cycle types are supported by the LPC protocol.
CYCLE TYPE
TRANSFER SIZE
I/O Write
1 Byte
I/O Read
1 Byte
DMA Write
1 byte
DMA Read
1 byte
The LPC47M14x ignores cycles that it does not support.
6.3.3
Field Definitions
The data transfers are based on specific fields that are used in various combinations, depending on the cycle type.
These fields are driven onto the LAD[3:0] signal lines to communicate address, control and data information over the
LPC bus between the host and the LPC47M14x. See the “Low Pin Count (LPC) Interface Specification”, Revision
1.0, Section 4.2 for definition of these fields.
6.3.4
LFRAME# Usage
LFRAME# is used by the host to indicate the start of cycles and the termination of cycles due to an abort or time-out
condition. This signal is to be used by the LPC47M14x to know when to monitor the bus for a cycle.
This signal is used as a general notification that the LAD[3:0] lines contain information relative to the start or stop of a
cycle, and that the LPC47M14x monitors the bus to determine whether the cycle is intended for it. The use of
LFRAME# allows the LPC47M14x to enter a lower power state internally. There is no need for the LPC47M14x to
monitor the bus when it is inactive, so it can decouple its state machines from the bus, and internally gate its clocks.
When the LPC47M14x samples LFRAME# active, it immediately stops driving the LAD[3:0] signal lines on the next
clock and monitor the bus for new cycle information.
The LFRAME# signal functions as described in the Low Pin Count (LPC) Interface Specification, Revision 1.0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com