Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC47M14X Datasheet(PDF) 90 Page - SMSC Corporation

Part # LPC47M14X
Description  128 PIN ENGANCED SUPER I/O CONTROLLER WITH AN LPC INTERFACE AND USB HUB
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LPC47M14X Datasheet(HTML) 90 Page - SMSC Corporation

Back Button LPC47M14X Datasheet HTML 86Page - SMSC Corporation LPC47M14X Datasheet HTML 87Page - SMSC Corporation LPC47M14X Datasheet HTML 88Page - SMSC Corporation LPC47M14X Datasheet HTML 89Page - SMSC Corporation LPC47M14X Datasheet HTML 90Page - SMSC Corporation LPC47M14X Datasheet HTML 91Page - SMSC Corporation LPC47M14X Datasheet HTML 92Page - SMSC Corporation LPC47M14X Datasheet HTML 93Page - SMSC Corporation LPC47M14X Datasheet HTML 94Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 205 page
background image
SMSC DS – LPC47M14X
Page 90
Rev. 03/19/2001
Table 45a – Extended Control Register
R/W
MODE
000:
Standard Parallel Port Mode . In this mode the FIFO is reset and common collector drivers are
used on the control lines (nStrobe, nAutoFd, nInit and nSelectIn). Setting the direction bit will
not tri-state the output drivers in this mode.
001:
PS/2 Parallel Port Mode. Same as above except that direction may be used to tri-state the
data lines and reading the data register returns the value on the data lines and not the value in
the data register. All drivers have active pull-ups (push-pull).
010:
Parallel Port FIFO Mode. This is the same as 000 except that bytes are written or DMAed to the
FIFO. FIFO data is automatically transmitted using the standard parallel port protocol. Note that
this mode is only useful when direction is 0. All drivers have active pull-ups (push-pull).
011:
ECP Parallel Port Mode. In the forward direction (direction is 0) bytes placed into the ecpDFifo
and bytes written to the ecpAFifo are placed in a single FIFO and transmitted automatically to
the peripheral using ECP Protocol. In the reverse direction (direction is 1) bytes are moved
from the ECP parallel port and packed into bytes in the ecpDFifo. All drivers have active
pull-ups (push-pull).
100:
Selects EPP Mode: In this mode, EPP is selected if the EPP supported option is selected in
configuration register L3-CRF0. All drivers have active pull-ups (push-pull).
101:
Reserved
110:
Test Mode. In this mode the FIFO may be written and read, but the data will not be transmitted
on the parallel port. All drivers have active pull-ups (push-pull).
111:
Configuration Mode. In this mode the confgA, confgB registers are accessible at 0x400 and
0x401. All drivers have active pull-ups (push-pull).
Table 45B
Table 45C
IRQ SELECTED
CONFIG REG B
BITS 5:3
DMA
SELECTED
CONFIG REG B
BITS 2:0
15
110
3
011
14
101
2
010
11
100
1
001
10
011
All Others
000
9
010
7
001
5
111
All Others
000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com