Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC47M14X Datasheet(PDF) 81 Page - SMSC Corporation

Part # LPC47M14X
Description  128 PIN ENGANCED SUPER I/O CONTROLLER WITH AN LPC INTERFACE AND USB HUB
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LPC47M14X Datasheet(HTML) 81 Page - SMSC Corporation

Back Button LPC47M14X Datasheet HTML 77Page - SMSC Corporation LPC47M14X Datasheet HTML 78Page - SMSC Corporation LPC47M14X Datasheet HTML 79Page - SMSC Corporation LPC47M14X Datasheet HTML 80Page - SMSC Corporation LPC47M14X Datasheet HTML 81Page - SMSC Corporation LPC47M14X Datasheet HTML 82Page - SMSC Corporation LPC47M14X Datasheet HTML 83Page - SMSC Corporation LPC47M14X Datasheet HTML 84Page - SMSC Corporation LPC47M14X Datasheet HTML 85Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 205 page
background image
SMSC DS – LPC47M14X
Page 81
Rev. 03/19/2001
EPP DATA PORT 1
ADDRESS OFFSET = 05H
The EPP Data Port 1 is located at an offset of '05H' from the base address. Refer to EPP DATA PORT 0 for a
description of operation. This register is only available in EPP mode.
EPP DATA PORT 2
ADDRESS OFFSET = 06H
The EPP Data Port 2 is located at an offset of '06H' from the base address. Refer to EPP DATA PORT 0 for a
description of operation. This register is only available in EPP mode.
EPP DATA PORT 3
ADDRESS OFFSET = 07H
The EPP Data Port 3 is located at an offset of '07H' from the base address. Refer to EPP DATA PORT 0 for a
description of operation. This register is only available in EPP mode.
EPP 1.9 OPERATION
When the EPP mode is selected in the configuration register, the standard and bi-directional modes are also available. If
no EPP Read, Write or Address cycle is currently executing, then the PDx bus is in the standard or bi-directional mode,
and all output signals (STROBE, AUTOFD, INIT) are as set by the SPP Control Port and direction is controlled by PCD
of the Control port.
In EPP mode, the system timing is closely coupled to the EPP timing. For this reason, a watchdog timer is required to
prevent system lockup. The timer indicates if more than 10usec have elapsed from the start of the EPP cycle to nWAIT
being deasserted (after command). If a time-out occurs, the current EPP cycle is aborted and the time-out condition is
indicated in Status bit 0.
During an EPP cycle, if STROBE is active, it overrides the EPP write signal forcing the PDx bus to always be in a write
mode and the nWRITE signal to always be asserted.
Software Constraints
Before an EPP cycle is executed, the software must ensure that the control register bit PCD is a logic "0" (i.e., a 04H or
05H should be written to the Control port). If the user leaves PCD as a logic "1", and attempts to perform an EPP write,
the chip is unable to perform the write (because PCD is a logic "1") and will appear to perform an EPP read on the
parallel bus, no error is indicated.
EPP 1.9 Write
The timing for a write operation (address or data) is shown in timing diagram EPP Write Data or Address cycle. The
chip inserts wait states into the LPC I/O write cycle until it has been determined that the write cycle can complete. The
write cycle can complete under the following circumstances:
1)
If the EPP bus is not ready (nWAIT is active low) when nDATASTB or nADDRSTB goes active then the
write can complete when nWAIT goes inactive high.
2)
If the EPP bus is ready (nWAIT is inactive high) then the chip must wait for it to go active low before
changing the state of nDATASTB, nWRITE or nADDRSTB. The write can complete once nWAIT is
determined inactive.
Write Sequence of Operation
1)
The host initiates an I/O write cycle to the selected EPP register.
2)
If WAIT is not asserted, the chip must wait until WAIT is asserted.
3)
The chip places address or data on PData bus, clears PDIR, and asserts nWRITE.
4)
Chip asserts nDATASTB or nADDRSTRB indicating that PData bus contains valid information, and the WRITE
signal is valid.
5)
Peripheral deasserts nWAIT, indicating that any setup requirements have been satisfied and the chip may
begin the termination phase of the cycle.
6)
a)
The chip deasserts nDATASTB or nADDRSTRB, this marks the beginning of the termination phase. If it
has not already done so, the peripheral should latch the information byte now.
b)
The chip latches the data from the internal data bus for the PData bus and drives the sync that indicates
that no more wait states are required followed by the TAR to complete the write cycle.
7)
Peripheral asserts nWAIT, indicating to the host that any hold time requirements have been satisfied and
acknowledging the termination of the cycle.
8)
Chip may modify nWRITE and nPDATA in preparation for the next cycle.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com