Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC47M14X Datasheet(PDF) 91 Page - SMSC Corporation

Part # LPC47M14X
Description  128 PIN ENGANCED SUPER I/O CONTROLLER WITH AN LPC INTERFACE AND USB HUB
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LPC47M14X Datasheet(HTML) 91 Page - SMSC Corporation

Back Button LPC47M14X Datasheet HTML 87Page - SMSC Corporation LPC47M14X Datasheet HTML 88Page - SMSC Corporation LPC47M14X Datasheet HTML 89Page - SMSC Corporation LPC47M14X Datasheet HTML 90Page - SMSC Corporation LPC47M14X Datasheet HTML 91Page - SMSC Corporation LPC47M14X Datasheet HTML 92Page - SMSC Corporation LPC47M14X Datasheet HTML 93Page - SMSC Corporation LPC47M14X Datasheet HTML 94Page - SMSC Corporation LPC47M14X Datasheet HTML 95Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 205 page
background image
SMSC DS – LPC47M14X
Page 91
Rev. 03/19/2001
OPERATION
Mode Switching/Software Control
Software will execute P1284 negotiation and all operation prior to a data transfer phase under programmed I/O control
(mode 000 or 001). Hardware provides an automatic control line handshake, moving data between the FIFO and the
ECP port only in the data transfer phase (modes 011 or 010).
Setting the mode to 011 or 010 will cause the hardware to initiate data transfer.
If the port is in mode 000 or 001 it may switch to any other mode. If the port is not in mode 000 or 001 it can only be
switched into mode 000 or 001. The direction can only be changed in mode 001.
Once in an extended forward mode the software should wait for the FIFO to be empty before switching back to mode
000 or 001. In this case all control signals will be deasserted before the mode switch. In an ecp reverse mode the
software waits for all the data to be read from the FIFO before changing back to mode 000 or 001. Since the automatic
hardware ecp reverse handshake only cares about the state of the FIFO it may have acquired extra data which will be
discarded. It may in fact be in the middle of a transfer when the mode is changed back to 000 or 001. In this case the
port will deassert nAutoFd independent of the state of the transfer. The design shall not cause glitches on the
handshake signals if the software meets the constraints above.
ECP Operation
Prior to ECP operation the Host must negotiate on the parallel port to determine if the peripheral supports the ECP
protocol. This is a somewhat complex negotiation carried out under program control in mode 000.
After negotiation, it is necessary to initialize some of the port bits. The following are required:
Set Direction = 0, enabling the drivers.
Set strobe = 0, causing the nStrobe signal to default to the deasserted state.
Set autoFd = 0, causing the nAutoFd signal to default to the deasserted state.
Set mode = 011 (ECP Mode)
ECP address/RLE bytes or data bytes may be sent automatically by writing the ecpAFifo or ecpDFifo respectively.
Note that all FIFO data transfers are byte wide and byte aligned. Address/RLE transfers are byte-wide and only allowed
in the forward direction.
The host may switch directions by first switching to mode = 001, negotiating for the forward or reverse channel, setting
direction to 1 or 0, then setting mode = 011. When direction is 1 the hardware shall handshake for each ECP read data
byte and attempt to fill the FIFO. Bytes may then be read from the ecpDFifo as long as it is not empty.
ECP transfers may also be accomplished (albeit slowly) by handshaking individual bytes under program control in mode
= 001, or 000.
Termination from ECP Mode
Termination from ECP Mode is similar to the termination from Nibble/Byte Modes. The host is permitted to terminate
from ECP Mode only in specific well-defined states. The termination can only be executed while the bus is in the forward
direction. To terminate while the channel is in the reverse direction, it must first be transitioned into the forward direction.
Command/Data
ECP Mode supports two advanced features to improve the effectiveness of the protocol for some applications. The
features are implemented by allowing the transfer of normal 8 bit data or 8 bit commands.
When in the forward direction, normal data is transferred when HostAck is high and an 8 bit command is transferred
when HostAck is low.
The most significant bit of the command indicates whether it is a run-length count (for compression) or a channel
address.
When in the reverse direction, normal data is transferred when PeriphAck is high and an 8 bit command is transferred
when PeriphAck is low. The most significant bit of the command is always zero. Reverse channel addresses are seldom
used and may not be supported in hardware.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com