Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC47M14X Datasheet(PDF) 22 Page - SMSC Corporation

Part # LPC47M14X
Description  128 PIN ENGANCED SUPER I/O CONTROLLER WITH AN LPC INTERFACE AND USB HUB
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LPC47M14X Datasheet(HTML) 22 Page - SMSC Corporation

Back Button LPC47M14X Datasheet HTML 18Page - SMSC Corporation LPC47M14X Datasheet HTML 19Page - SMSC Corporation LPC47M14X Datasheet HTML 20Page - SMSC Corporation LPC47M14X Datasheet HTML 21Page - SMSC Corporation LPC47M14X Datasheet HTML 22Page - SMSC Corporation LPC47M14X Datasheet HTML 23Page - SMSC Corporation LPC47M14X Datasheet HTML 24Page - SMSC Corporation LPC47M14X Datasheet HTML 25Page - SMSC Corporation LPC47M14X Datasheet HTML 26Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 205 page
background image
SMSC DS – LPC47M14X
Page 22
Rev. 03/19/2001
6.3.5
I/O Read and Write Cycles
The LPC47M14x is the target for I/O cycles. I/O cycles are initiated by the host for register or FIFO accesses, and
will generally have minimal Sync times. The minimum number of wait-states between bytes is 1. EPP cycles will
depend on the speed of the external device, and may have much longer Sync times.
Data transfers are assumed to be exactly 1-byte. If the CPU requested a 16 or 32-bit transfer, the host will break it
up into 8-bit transfers.
See the “Low Pin Count (LPC) Interface Specification” Revision 1.0, Section 5.2, for the sequence of cycles for the
I/O Read and Write cycles.
6.3.6
DMA Read and Write Cycles
DMA read cycles involve the transfer of data from the host (main memory) to the LPC47M14x. DMA write cycles
involve the transfer of data from the LPC47M14x to the host (main memory). Data will be coming from or going to a
FIFO and will have minimal Sync times. Data transfers to/from the LPC47B10x are 1, 2 or 4 bytes.
See the “Low Pin Count (LPC) Interface Specification” Revision 1.0, Section 6.4, for the field definitions and the
sequence of the DMA Read and Write cycles.
6.3.7
DMA Protocol
DMA on the LPC bus is handled through the use of the LDRQ# lines from the LPC47M14x and special encodings on
LAD[3:0] from the host.
The DMA mechanism for the LPC bus is described in the “Low Pin Count (LPC) Interface Specification,” Revision
1.0.
6.3.8
Power Management
CLOCKRUN Protocol
The CLKRUN# pin is not implemented in the LPC47M14x.
See the “Low Pin Count (LPC) Interface Specification” Revision 1.0, Section 8.1.
LPCPD Protocol
See the “Low Pin Count (LPC) Interface Specification” Revision 1.0, Section 8.2.
6.3.9
SYNC Protocol
See the “Low Pin Count (LPC) Interface Specification” Revision 1.0, Section 4.2.1.8 for a table of valid SYNC values.
Typical Usage
The SYNC pattern is used to add wait states. For read cycles, the LPC47M14x immediately drives the SYNC pattern
upon recognizing the cycle. The host immediately drives the sync pattern for write cycles. If the LPC47M14x needs
to assert wait states, it does so by driving 0101 or 0110 on LAD[3:0] until it is ready, at which point it will drive 0000 or
1001. The LPC47M14x will choose to assert 0101 or 0110, but not switch between the two patterns.
The data (or wait state SYNC) will immediately follow the 0000 or 1001 value. The SYNC value of 0101 is intended
to be used for normal wait states, wherein the cycle will complete within a few clocks. The LPC47M14x uses a SYNC
of 0101 for all wait states in a DMA transfer.
The SYNC value of 0110 is intended to be used where the number of wait states is large. This is provided for EPP
cycles, where the number of wait states could be quite large (>1 microsecond). However, the LPC47M14x uses a
SYNC of 0110 for all wait states in an I/O transfer.
The SYNC value is driven within 3 clocks.
SYNC Timeout
The SYNC value is driven within 3 clocks. If the host observes 3 consecutive clocks without a valid SYNC pattern, it
will abort the cycle.
The LPC47M14x does not assume any particular timeout. When the host is driving SYNC, it may have to insert a
very large number of wait states, depending on PCI latencies and retries.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com